Electronic Components Datasheet Search
  English  ▼

X  

D1F60 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # D1F60
Description  Rectifiers Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

D1F60 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  D1F60 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd D1F60 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Diodes
www.kexin.com.cn
■
Typical Characterisitics
Rectifiers Diodes
D1F60
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.1
1
10
Pulse measurement per diode
Tl=150°C [TYP]
Tl=25°C [TYP]
Forward Voltage VF [V]
0
0.5
1
1.5
2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
SIN
Average Rectified Forward Current IO [A]
Tj = 150°C
Sine wave



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com