Electronic Components Datasheet Search
  English  ▼

X  

MB1FB Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MB1FB
Description  Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MB1FB Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MB1FB Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MB1FB Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Bridge Rectifier
MB1FB ~ MB10FB
■
Typical Characterisitics
10
20
30
00
10
100
1
40
Fig.5 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles
8.3 ms Single Half Sine Wave
(JEDEC Method)
Fig.2 Typical Reverse Characteristics
0.1
1.0
10
100
20
40
60
80
100
120
00
140
percent of Rated Peak
Voltage (%)
Reverse
T =125
J
°
C
T =25
J
°
C
Fig.4 Typical Junction Capacitance
1.0
10
100
0.1
1
10
100
Reverse Voltage (V)
T =25
J
°
C
0.2
0.4
0.6
0.8
1.0
0.0
25
50
75
100
125
150
175
Fig.1
Derating Curve
Average Rectified Output Current
Ambient Temperature (°C)
1.2
Glass Epoxy PC Board
Resistive or Inductive Load
0.5
1.0
1.5
2.0
0.0
Fig.3 Typical Instaneous Forward
Characteristics
0.0
0.01
0.1
1.0
10
Instaneous Forward Voltage (V)
T =25
J
°
C
pulse with 300μs
1% duty cycle



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com