Electronic Components Datasheet Search
  English  ▼

X  

ISL6569CBZ Datasheet(PDF) 16 Page - Intersil Corporation

Part # ISL6569CBZ
Description  Multi-Phase PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6569CBZ Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ISL6569CBZ Datasheet HTML 12Page - Intersil Corporation ISL6569CBZ Datasheet HTML 13Page - Intersil Corporation ISL6569CBZ Datasheet HTML 14Page - Intersil Corporation ISL6569CBZ Datasheet HTML 15Page - Intersil Corporation ISL6569CBZ Datasheet HTML 16Page - Intersil Corporation ISL6569CBZ Datasheet HTML 17Page - Intersil Corporation ISL6569CBZ Datasheet HTML 18Page - Intersil Corporation ISL6569CBZ Datasheet HTML 19Page - Intersil Corporation ISL6569CBZ Datasheet HTML 20Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
FN9085.7
December 29, 2004
MOSFETs
The choice of MOSFETs depends on the current each
MOSFET will be required to conduct; the switching frequency;
the capability of the MOSFETs to dissipate heat; and the
availability and nature of heat sinking and air flow.
LOWER MOSFET POWER CALCULATION
The calculation for heat dissipated in the lower MOSFET is
simple, since virtually all of the heat loss in the lower
MOSFET is due to current conducted through the channel
resistance (rDS(ON)). In Equation 13, IM is the maximum
continuous output current; IPP is the peak-to-peak inductor
current (see Equation 1); d is the duty cycle (VOUT/VIN); N is
the number of active channels; and L is the per-channel
inductance.
An additional term can be added to the lower-MOSFET loss
equation to account for additional loss accrued during the
dead time when inductor current is flowing through the
lower-MOSFET body diode. This term is dependent on the
diode forward voltage at IM, VD(ON); the switching frequency,
fS; and the length of dead times, td1 and td2, at the
beginning and the end of the lower-MOSFET conduction
interval respectively.
Thus the total maximum power dissipated in each lower
MOSFET is approximated by the summation of PL and PD.
UPPER MOSFET POWER CALCULATION
In addition to rDS(ON) losses, a large portion of the upper-
MOSFET losses are due to currents conducted across the
input voltage (VIN) during switching. Since a substantially
higher portion of the upper-MOSFET losses are dependent
on switching frequency, the power calculation is more
complex. Upper MOSFET losses can be divided into
separate components involving the upper-MOSFET
switching times; the lower-MOSFET body-diode reverse-
recovery charge, Qrr; and the upper MOSFET rDS(ON)
conduction loss.
When the upper MOSFET turns off, the lower MOSFET does
not conduct any portion of the inductor current until the
voltage at the phase node falls below ground. Once the
lower MOSFET begins conducting, the current in the upper
MOSFET falls to zero as the current in the lower MOSFET
ramps up to assume the full inductor current. In Equation 15,
the required time for this commutation is t1 and the
approximated associated power loss is PUP,1.
The upper MOSFET begins to conduct and this transition
occurs over a time t2. In Equation 16, the approximate power
loss is PUP,2.
A third component involves the lower MOSFET’s reverse-
recovery charge, Qrr. Since the inductor current has fully
commutated to the upper MOSFET before the lower-
MOSFET’s body diode can draw all of Qrr, it is conducted
through the upper MOSFET across VIN. The power
dissipated as a result is PUP,3 and is approximately
Finally, the resistive part of the upper MOSFET’s dissipation
is given in Equation 18 as PUP,4.
In this case, of course, rDS(ON) is the on resistance of the
upper MOSFET.
The total power dissipated by the upper MOSFET at full load
can now be approximated as the summation of the results
from Equations 15, 16, 17 and 18. Since the power
equations depend on MOSFET parameters, choosing the
correct MOSFETs can be an iterative process that involves
repetitively solving the loss equations for different MOSFETs
and different switching frequencies until converging upon the
best solution.
Current Sensing
The ISEN pins are denoted ISEN1 and ISEN2. The resistors
connected between these pins and their respective phase
nodes determine the gain in the load-line regulation loop and
the channel-current balance loop. Select the values for these
resistors based on the room temperature rDS(ON) of the
lower MOSFETs; the full-load operating current, IFL;
according to Equation 19 (see also Figure 4).
In certain circumstances, it may be necessary to adjust the
value of one or both of the ISEN resistors. This can arise
when the components of one channel are inhibited from
dissipating their heat so that the affected channel runs hotter
than desired (see the section entitled Channel-Current
P
L
r
DS ON
()
I
M
2
------


 2
1d
–
()
I
LPP
,
2
1d
–
()
12
--------------------------------
+
=
(EQ. 13)
P
D
V
DON
() fS
I
M
2
------
IPP
2
---------
+


t
d1
I
M
2
------
I
PP
2
---------
–



t
d2
+
=
(EQ. 14)
P
UP 1
,
V
IN
I
M
2
------
I
PP
2
---------
+

 t1
2
----



f
S
≈
(EQ. 15)
P
UP 2
,
V
IN
I
M
2
------
I
PP
2
---------
–


 t
2
2
----



f
S
≈
(EQ. 16)
P
UP 3
,
V
IN Qrr fS
≈
(EQ. 17)
P
UP 4
,
r
DS ON
()
I
M
2
------


 2
d
I
PP
2
12
----------
+
=
(EQ. 18)
R
ISEN
r
DS ON
()
50 10 6
–
×
-----------------------
I
FL
2
--------
=
(EQ. 19)
ISL6569



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com