Electronic Components Datasheet Search
  English  ▼

X  

ISL6608 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6608
Description  Synchronous Rectified MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6608 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6608 Datasheet HTML 1Page - Intersil Corporation ISL6608 Datasheet HTML 2Page - Intersil Corporation ISL6608 Datasheet HTML 3Page - Intersil Corporation ISL6608 Datasheet HTML 4Page - Intersil Corporation ISL6608 Datasheet HTML 5Page - Intersil Corporation ISL6608 Datasheet HTML 6Page - Intersil Corporation ISL6608 Datasheet HTML 7Page - Intersil Corporation ISL6608 Datasheet HTML 8Page - Intersil Corporation ISL6608 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
ISL6608
Synchronous Rectified MOSFET Driver
with Pre-Biased Load Startup Capability
The ISL6608 is a high frequency, MOSFET driver optimized
to drive two N-Channel power MOSFETs in a synchronous-
rectified buck converter topology. This driver combined with
an Intersil HIP63xx or ISL65xx Multi-Phase Buck PWM
controller forms a complete single-stage core-voltage
regulator solution with high efficiency performance at high
switching frequency for advanced microprocessors.
The IC is biased by a single low voltage supply (5V) and
minimizes gate drive losses due to MOSFET gate charge at
high switching frequency applications. Each driver is capable
of driving a 3000pF load with a low propagation delay and
less than 10ns transition time. This product implements
bootstrapping on the upper gate with an internal bootstrap
Schottky diode, reducing implementation cost, complexity,
and allowing the use of higher performance, cost effective
N-Channel MOSFETs. Adaptive shoot-through protection is
integrated to prevent both MOSFETs from conducting
simultaneously.
The ISL6608 features 4A sink current for the lower gate
driver, which is capable of holding the lower MOSFET gate
during the Phase node rising edge to prevent shoot-through
power loss caused by the high dv/dt of the Phase node.
The ISL6608 also features a Three-State PWM input which,
working together with Intersil multi-phase PWM controllers,
will prevent a negative transient on the output voltage when
the output is shut down. This feature eliminates the Schottky
diode that is usually seen in a microprocessor power system
for protecting the microprocessor from reversed output
voltage events.
A diode emulation feature is integrated in the ISL6608 to
enhance converter efficiency at light load conditions. Diode
emulation also prevents a negative transient when starting
up with a pre-biased voltage on the output. When diode
emulation is enabled, the driver allows discontinuous
conduction mode by detecting when the inductor current
reaches zero and subsequently turns off the low side
MOSFET, which prevents the output from sinking current
and producing a negative transient on a pre-biased output
(see Figures 6 and 7 on page 7).
Features
• Dual MOSFET Drives for Synchronous Rectified Bridge
• Adaptive Shoot-Through Protection
•0.5
Ω On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency up to 2MHz
- Fast Output Rise/Fall Time and Low Propagation Delay
• Three-State PWM Input for Power Stage Shutdown
• Internal Bootstrap Schottky Diode
• Low Bias Supply Current (5V, 80µA)
• Diode Emulation for Enhanced Light Load Efficiency and
Pre-Biased Startup Applications
• VCC POR (Power-On-Reset) Feature Integrated
• Low Three-State Shutdown Holdoff Time (Typically 160ns)
• Pin-to-Pin Compatible with ISL6605
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-free Available as an Option
Applications
• Core Voltage Supplies for FPGAs and PowerPC
Microprocessors
• Point-Of-Load Modules with Pre-Biased Start-Up
Requirements
• High Frequency and High Current DC-DC Converters
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices”
Data Sheet
March 2004
FN9140.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6608

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6608 RENESAS-ISL6608 Datasheet
611Kb / 11P
Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
logo
Intersil Corporation
ISL6608 INTERSIL-ISL6608 Datasheet
333Kb / 11P
Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
ISL6608CB INTERSIL-ISL6608CB Datasheet
333Kb / 11P
Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
logo
Renesas Technology Corp
ISL6608CB RENESAS-ISL6608CB Datasheet
611Kb / 11P
Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
logo
Intersil Corporation
ISL6608CB-T INTERSIL-ISL6608CB-T Datasheet
333Kb / 11P
Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
More results

Similar Description - ISL6608

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6605 INTERSIL-ISL6605 Datasheet
302Kb / 9P
Synchronous Rectified MOSFET Driver
January 4, 2005
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6609 INTERSIL-ISL6609_06 Datasheet
330Kb / 11P
Synchronous Rectified MOSFET Driver
March 6, 2006
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
Synchronous Rectified MOSFET Driver
January 22, 2010
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
219Kb / 11P
Synchronous Rectified MOSFET Driver
January 22, 2010
ISL6605CB INTERSIL-ISL6605CB Datasheet
266Kb / 9P
Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6609CBZ INTERSIL-ISL6609CBZ Datasheet
1Mb / 12P
Synchronous Rectified MOSFET Driver
April 27, 2009
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
Synchronous Rectified MOSFET Driver
ISL6605 RENESAS-ISL6605 Datasheet
562Kb / 10P
Synchronous Rectified MOSFET Driver
ISL6609 RENESAS-ISL6609 Datasheet
1Mb / 12P
Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com