Electronic Components Datasheet Search
  English  ▼

X  

ISL6844 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6844
Description  Improved Industry Standard Single Ended Current Mode PWM Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6844 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6844 Datasheet HTML 1Page - Intersil Corporation ISL6844 Datasheet HTML 2Page - Intersil Corporation ISL6844 Datasheet HTML 3Page - Intersil Corporation ISL6844 Datasheet HTML 4Page - Intersil Corporation ISL6844 Datasheet HTML 5Page - Intersil Corporation ISL6844 Datasheet HTML 6Page - Intersil Corporation ISL6844 Datasheet HTML 7Page - Intersil Corporation ISL6844 Datasheet HTML 8Page - Intersil Corporation ISL6844 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN9124.1
ISL6842, ISL6843, ISL6844, ISL6845
Improved Industry Standard Single Ended
Current Mode PWM Controller
The ISL6842, ISL6843, ISL6844, ISL6845 family of
adjustable frequency, low power, pulse width modulating
(PWM) current mode controllers is designed for a wide range
of power conversion applications including boost, flyback,
and isolated output configurations. Peak current mode
control effectively handles power transients and provides
inherent over-current protection.
This advanced BiCMOS design is pin compatible with the
industry standard 384x family of controllers and offers
significantly improved performance. Features include low
operating current, 60
µA start-up current, adjustable
operating frequency to 2MHz, and high peak current drive
capability with 20ns rise and fall times.
Features
• 1A MOSFET gate driver
•60
µA startup current, 100µA maximum
• 30ns propagation delay current sense to output
• Fast transient response with peak current mode control
• Adjustable switching frequency to 2MHz
• 20ns rise and fall times with 1nF output load
• Trimmed timing capacitor discharge current for accurate
deadtime/maximum duty cycle control
• High bandwidth error amplifier
• Tight tolerance voltage reference over line, load, and
temperature
• Tight tolerance current limit threshold
Applications
• Telecom and Datacom Power
• Wireless Base Station Power
• File Server Power
• Industrial Power Systems
• PC Power Supplies
• Isolated Buck and Flyback Regulators
• Boost Regulators
Pinout
ISL6842, ISL6843, ISL6844, ISL6845
(8-PIN SOIC, MSOP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
DWG. #
ISL6842IB
-40 to 105
8 Ld SOIC
M8.15
ISL6842IU
-40 to 105
8 Ld MSOP
M8.118
ISL6843IB
-40 to 105
8 Ld SOIC
M8.15
ISL6843IU
-40 to 105
8 Ld MSOP
M8.118
ISL6844IB
-40 to 105
8 Ld SOIC
M8.15
ISL6844IU
-40 to 105
8 Ld MSOP
M8.118
ISL6845IB
-40 to 105
8 Ld SOIC
M8.15
ISL6845IU
-40 to 105
8 Ld MSOP
M8.118
NOTE: Add -T to part number for Tape and Reel packaging.
PART NUMBER
RISING UVLO
MAX. DUTY CYCLE
ISL6842
14.4V
100%
ISL6843
8.4V
100%
ISL6844
14.4V
50%
ISL6845
8.4V
50%
COMP
FB
RTCT
VREF
VDD
OUT
GND
1
2
3
4
8
CS
7
6
5
Data Sheet
October 2003
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6844

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6844 INTERSIL-ISL6844 Datasheet
278Kb / 12P
Improved Industry Standard Single-Ended Current Mode PWM Controller
April 16, 2007
ISL6844 INTERSIL-ISL6844 Datasheet
287Kb / 12P
Improved Industry Standard Single-Ended Current Mode PWM Controller
August 7, 2008
ISL6844 INTERSIL-ISL6844 Datasheet
531Kb / 10P
ISL6844 Reference Design: ISL6844EVAL3Z
ISL6844 INTERSIL-ISL6844 Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
ISL6844 INTERSIL-ISL6844 Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended
February 23, 2012
More results

Similar Description - ISL6844

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
Improved Industry Standard Single-Ended Current Mode PWM Controller
April 16, 2007
ISL6840 INTERSIL-ISL6840 Datasheet
287Kb / 12P
Improved Industry Standard Single-Ended Current Mode PWM Controller
August 7, 2008
ISL78215 INTERSIL-ISL78215 Datasheet
231Kb / 11P
Improved Industry Standard Single-Ended Current Mode PWM Controller
August 16, 2010
ISL6843IUZ-T INTERSIL-ISL6843IUZ-T Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
ISL6840IUZ-T INTERSIL-ISL6840IUZ-T Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
ISL6843CBZ-T INTERSIL-ISL6843CBZ-T Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
ISL6843IBZ-T INTERSIL-ISL6843IBZ-T Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
ISL6840IRZ-T INTERSIL-ISL6840IRZ-T Datasheet
372Kb / 14P
Improved Industry Standard Single-Ended Current Mode PWM Controller
September 29, 2015
logo
Renesas Technology Corp
ISL6840 RENESAS-ISL6840 Datasheet
683Kb / 14P
Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL78215 RENESAS-ISL78215 Datasheet
578Kb / 11P
Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com