Electronic Components Datasheet Search
  English  ▼

X  

BAS16T Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS16T
Description  Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS16T Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS16T_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS16T_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individua
BAS16T/BAW56T/BAV70T/BAV99T
Surface Mount Switching Diodes
Plastic-Encapsulate Diodes
* Fast Switching Speed
FEATURES
* Case: SOT-523, Molded Plastic
* Terminals: Solderable per MIL-STD-202,
Method 208
* Polarity: See Diagrams Below
* Weight: 0.002 grams (approx.)
* Mounting Position: Any
MECHANICAL DATA
* Ultra-Small Surface Mount Package
* Also Available in Lead Free Version
* For General Purpose Switching Applications
* High Conductance
* Case material: UL Flammability Rating 94V-0
* Moisture sensitvity: Leavel 1 per J-STD-020A
01-Jun-2002 Rev. A
Page 1 of 2
A
M
J
L
D
B C
H
K
G
TOP V IE W
C
E
B
N
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
¾¾
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
a
0
°
8
°¾
All Dimensions in mm
Elektronische Bauelemente
http://www.SeCoSGmbH.com
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
85
V
RMS Reverse Voltage
VR(RMS)
60
V
Forward Continuous Current (Note 2)
Single diode
Double diode
IFM
155
75
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current
IFSM
0.5
A
Power Dissipation (Note 2)
Pd
150
mW
Thermal Resistance Junction to Ambient (Note 2)
R
θJA
833
C/W
Operating and Storage Temperature Range
Tj , TSTG
-65 to +150
C
o
o
Maximum Ratings @ TA = 25 CO unless otherwise specified
Notes:
1. Short duration test pulse to minimize self-heating effect.
2. Device mounted on FR-4 PC board with recommended pad layout.
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
85
¾
V
IR = 100
mA
Forward Voltage (Note 1)
VF
¾
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Leakage Current (Note 1)
IR
¾
2.0
100
60
30
mA
mA
mA
nA
VR = 75V
VR = 75V, Tj = 150
°C
VR = 25V, Tj = 150
°C
VR = 25V
Typical Total Capacitance
CT
¾
1.5
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR,RL = 100
W
Electrical Characteristics @ TA = 25°C unless otherwise specified
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BAS16T_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS16T DIODES-BAS16T_15 Datasheet
287Kb / 5P
SURFACE MOUNT FAST SWITCHING DIODE
Rev 11
More results

Similar Description - BAS16T_15

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
BAV19W HOTTECH-BAV19W Datasheet
350Kb / 2P
Plastic-Encapsulate Diodes
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
Plastic-Encapsulate Diodes
MMBZ52XXB HOTTECH-MMBZ52XXB Datasheet
416Kb / 3P
Plastic-Encapsulate Diodes
S2A HOTTECH-S2A Datasheet
304Kb / 2P
Plastic-Encapsulate Diodes
1SS184 HOTTECH-1SS184 Datasheet
201Kb / 2P
Plastic-Encapsulate Diodes
1SS196 HOTTECH-1SS196 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
B5817W HOTTECH-B5817W Datasheet
294Kb / 2P
Plastic-Encapsulate Diodes
BAT54WS HOTTECH-BAT54WS Datasheet
202Kb / 2P
Plastic-Encapsulate Diodes
1N4148WS HOTTECH-1N4148WS Datasheet
91Kb / 2P
Plastic-Encapsulate Diodes
logo
SHENZHEN SLS TECHNOLOGY...
1SS181 SHENZHENSLS-1SS181 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com