Electronic Components Datasheet Search
  English  ▼

X  

BAS316 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS316
Description  Surface Mount Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS316 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS316_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS316_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BAS316_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
MARKING: A6
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
℃
Parameter
Symbol
Limits
Unit
DC reverse voltage
VR
100
V
Forward current
IF
250
mA
Total Device Dissipation
PD
400
mW
Junction and storage temperature
Tj ,Tstg
-65-+150
℃
Electrical Ratings @TA=25
℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse breakdown voltage
V(BR)R
100
IR=100uA
VF1
715
IF=1mA
VF2
855
IF=10mA
VF3
1000
IF=50mA
Forward voltage
VF4
1250
mV
IF=150mA
Reverse recovery Time
trr
4
ns
IF=IR=10mAdc,RL=100Ω
IR1
0.03
VR=25V
Reverse current
IR2
1
μA
VR=75V
Forward
recovery voltage
VFR
1.75
V
IF=10mA, tr= 20ns
Diode Capacitance
CD
1.5
pF
VR=0V,f=1MHZ
Any changing of specification will not be informed individual
BAS316
Surface Mount Switching Diode
SOD-323(SC-76)
http://www.SeCoSGmbH.com
Elektronische Bauelemente
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
12-Jul-2007 Rev. B
Page 1 of 3
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BAS316_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS316115 NXP-BAS316115 Datasheet
150Kb / 20P
High-speed switching diodes
Rev. 05-25 August 2008
logo
Taiwan Semiconductor Co...
BAS316 TSC-BAS316_15 Datasheet
218Kb / 4P
200mW High Voltage SMD Switching Diode
More results

Similar Description - BAS316_15

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com