Electronic Components Datasheet Search
  English  ▼

X  

BAT42WS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAT42WS
Description  0.2 AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAT42WS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAT42WS_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAT42WS_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAT42WS /BAT43WS
VOLTAGE 30V
0.2 AMP Schottky Barrier Rectifiers
FEATURES
. RoHS Compliant Product
. High Current Capability
. Extremely Low Thermal Resistance
. For Surface Mount Application
. Higher Temp Soldering : 250 C for 10 Seconds at Terminals
. Low Forward Voltage
. Case: Molded Plastic
. Epoxy: UL 94V-0 Rate Flame Retardant
. Lead: Axial Leads, Solderable per MIL-STD-202,
Method208 Guaranteed.
. Weight: approx. 0.0045g
. Mounting Position: Any
Marking Vodes: BAT42WS=S7
BAT43WS=S8
Notes:
1. P art mounted on F R -4 board with recommended pad layout.
2. S hort duration pulse test used to minimize self-heating effect.
MECHANICAL DATA
SOD-323(SC-76)
o
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Characteristic
Symbo
BAT42WS / BAT43WS
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Forward Continuous Current (Note 1)
IFM
200
mA
Repetitive Peak Forward Current (Note 1)
@ t < 1.0s
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current @ t < 10ms
IFSM
4.0
A
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj ,TSTG
-55 to +125
°C
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
30
¾
V
IR = 100
mA
Forward Voltage Drop (Note 2)
All Types
BAT42WS
BAT42WS
BAT43WS
BAT43WS
VFM
¾
¾
¾
0.26
¾
1.0
0.40
0.65
0.33
0.45
V
IF = 200mA
IF = 10mA
IF = 50mA
IF = 2.0mA
IF = 15mA
Peak Reverse Current (Note 2)
IRM
¾
500
100
nA
mA
VR = 25V
VR = 25V, Tj = 100
°C
Total Capacitance
CT
¾
10
pF
VR = 1.0V, f = 1.0MHz
Reverse Recovery Time
trr
¾
5.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR,RL = 100
W
Rectification Efficiency
hv80
¾
%
RL = 15
W, CL = 300pF,
f = 45MHz, VRF = 2.0V
Electrical Characteristics @ TA = 25°C unless otherwise specified
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
01-Jun-2002 Rev. A
Page 1 of 2
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BAT42WS_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT42WS DIODES-BAT42WS_15 Datasheet
88Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 14
logo
Jiangsu Changjiang Elec...
BAT42WS JIANGSU-BAT42WS_15 Datasheet
679Kb / 4P
SCHOTTKY BARRIER DIODE
More results

Similar Description - BAT42WS_15

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6675 CDI-DIODE-1N6675 Datasheet
69Kb / 2P
0.2 AND 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
CDLL6675 CDI-DIODE-CDLL6675 Datasheet
69Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
CDLL0.2A20 MICROSEMI-CDLL0.2A20 Datasheet
51Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
BAT42W SECOS-BAT42W Datasheet
109Kb / 2P
0.2 AMP Schottky Barrier Rectifiers
BAT42WS SECOS-BAT42WS Datasheet
172Kb / 2P
0.2 AMP Schottky Barrier Rectifiers
SCS520S SECOS-SCS520S Datasheet
102Kb / 2P
0.2 Amp Surface Mount Schottky Barrier Rectifiers
BAT42W SECOS-BAT42W_15 Datasheet
233Kb / 2P
0.2 AMP Schottky Barrier Rectifiers
SCS520S SECOS-SCS520S_15 Datasheet
105Kb / 2P
0.2 Amp Surface Mount Schottky Barrier Rectifiers
logo
CHENG-YI ELECTRONIC CO....
SCS520S CHENG-YI-SCS520S Datasheet
124Kb / 2P
0.2 Amp Surface Mount Schottky Barrier Rectifiers
logo
New Jersey Semi-Conduct...
1N6675 NJSEMI-1N6675 Datasheet
88Kb / 1P
0.2 AND 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com