Electronic Components Datasheet Search
  English  ▼

X  

BAT60B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAT60B
Description  3.0Amp 10V Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAT60B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAT60B_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAT60B_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BAT60B_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
BAT60B
3.0Amp 10V Schottky Barrier Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature.
Single diode.
Rating 25 C ambient temperature.
10
3
5
250
V
Forward Current IF
Forward Surge Current IFSM (tp = 10ms)
Power Dissipation PD (TC = 25 C)
150
A
A
C
C
mW
Junction Temperature TJ
TYPE NUMBER
LIMITS
UNITS
Non-repetitive Peak Reverse Voltage VRM
Storage Temperature Range TSTG
-65
+150
~
IF = 10 mA
IF = 100 mA
IF = 500 mA
IF = 1000 mA
VR = 5 V
VR = 8 V
VR = 5 V, f = 1 MHz
300
380
500
600
15
25
30
Reverse Current IR
Capacitance Between Terminals CT
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
Forward Voltage VF
mV
µA
pF
FEATURES
MARKING CODE
http://www.SeCoSGmbH.com
Elektronische Bauelemente
High Current Capability
Low Voltage, Low Inductance
For Power Supply
Low Forward Voltage
For Detection and Step-up-conversion
SOD-323(SC-76)
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
W5
01-Jun-2007 Rev. B
Page 1 of 3
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - BAT60B_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAT60B KEXIN-BAT60B_15 Datasheet
807Kb / 2P
Schottky Diodes
logo
Jiangsu Changjiang Elec...
BAT60B JIANGSU-BAT60B_15 Datasheet
4Mb / 4P
SCHOTTKY BARRIER DIODE
More results

Similar Description - BAT60B_15

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N5820 JGD-1N5820 Datasheet
142Kb / 2P
3.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
BAT60B SECOS-BAT60B Datasheet
216Kb / 3P
3.0Amp 10V Schottky Barrier Rectifiers
SR320 SECOS-SR320 Datasheet
130Kb / 2P
3.0AMP Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SB320 CYSTEKEC-SB320 Datasheet
248Kb / 3P
3.0Amp Schottky Barrier Rectifiers
SB3150 CYSTEKEC-SB3150 Datasheet
230Kb / 6P
3.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
1N5820 SECOS-1N5820_15 Datasheet
154Kb / 2P
3.0AMP Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SB320 YFWDIODE-SB320 Datasheet
74Kb / 2P
3.0Amp Schottky Barrier Rectifiers
SR320 YFWDIODE-SR320 Datasheet
73Kb / 2P
3.0Amp Schottky Barrier Rectifiers
SR320-DO27 YFWDIODE-SR320-DO27 Datasheet
267Kb / 2P
3.0Amp Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SR320 PACELEADER-SR320 Datasheet
566Kb / 2P
3.0AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com