Electronic Components Datasheet Search
  English  ▼

X  

8487EIB Datasheet(PDF) 1 Page - Intersil Corporation

Part # 8487EIB
Description  짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

8487EIB Datasheet(HTML) 1 Page - Intersil Corporation

  8487EIB Datasheet HTML 1Page - Intersil Corporation 8487EIB Datasheet HTML 2Page - Intersil Corporation 8487EIB Datasheet HTML 3Page - Intersil Corporation 8487EIB Datasheet HTML 4Page - Intersil Corporation 8487EIB Datasheet HTML 5Page - Intersil Corporation 8487EIB Datasheet HTML 6Page - Intersil Corporation 8487EIB Datasheet HTML 7Page - Intersil Corporation 8487EIB Datasheet HTML 8Page - Intersil Corporation 8487EIB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6051.6
ISL8487E, ISL81487L, ISL81487E
±15kV ESD Protected, 1/8 Unit Load, 5V,
Low Power, High Speed or Slew Rate
Limited, RS-485/RS-422 Transceivers
These Intersil RS-485/RS-422 devices are ESD protected,
fractional unit load (UL), BiCMOS, 5V powered, single
transceivers that meet both the RS-485 and RS-422
standards for balanced communication. Each driver output/
receiver input is protected against ±15kV ESD strikes,
without latch-up. Unlike competitive devices, this Intersil
family is specified for 10% tolerance supplies (4.5V to 5.5V).
All devices present a 1/8 “unit load” to the RS-485 bus,
which allows up to 256 transceivers on the network for large
node count systems (e.g., process automation, remote
meter reading systems). In a remote utility meter reading
system, individual (apartments for example) utility meter
readings are routed to a concentrator via an RS-485
network, so the high allowed node count minimizes the
number of repeaters required to network all the meters. Data
for all meters is then read out from the concentrator via a
single access port, or a wireless link.
Slew rate limited drivers on the ISL8487E and ISL81487L
reduce EMI, and minimize reflections from improperly
terminated transmission lines, or unterminated stubs in
multidrop and multipoint applications. Data rates up to
250kbps are achievable with these devices.
Data rates up to 5Mbps are achievable by using the
ISL81487E, which features higher slew rates.
Receiver (Rx) inputs feature a “fail-safe if open” design,
which ensures a logic high Rx output if Rx inputs are floating.
Driver (Tx) outputs are short circuit protected, even for
voltages exceeding the power supply voltage. Additionally,
on-chip thermal shutdown circuitry disables the Tx outputs to
prevent damage if power dissipation becomes excessive.
These half duplex devices multiplex the Rx inputs and Tx
outputs to allow transceivers with Rx and Tx disable
functions in 8 lead packages.
Features
• RS-485 I/O Pin ESD Protection . . . . . . . . . . ±15kV HBM
- Class 3 ESD Level on all Other Pins . . . . . . >7kV HBM
• Fractional Unit Load Allows up to 256 Devices on the Bus
• Specified for 10% Tolerance Supplies
• High Data Rate Version (ISL81487E) . . . . . up to 5Mbps
• Slew Rate Limited Versions for Error Free Data
Transmission (ISL8487E, ISL81487L) . . . . .up to 250kbps
• Low Current Shutdown Mode (Except ISL81487E). . . 0.5µA
• Low Quiescent Supply Current:
- ISL8487E, ISL81487L . . . . . . . . . . . . . . . 145µA (Max.)
- ISL81487E . . . . . . . . . . . . . . . . . . . . . . . . 420µA (Max.)
• -7V to +12V Common Mode Input Voltage Range
• Three State Rx and Tx Outputs
• 30ns Propagation Delays, 5ns Skew (ISL81487E)
• Half Duplex Pinouts
• Operate from a Single +5V Supply (10% Tolerance)
• Current Limiting and Thermal Shutdown for Driver
Overload Protection
• Pin Compatible Replacements for: MAX487E, (ISL8487E);
LTC1487, ADM1487 (ISL81487L); MAX1487E, ST485ER
(ISL81487E)
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• High Node Count Networks
• Automated Utility Meter Reading Systems
• Factory Automation
• Security Networks
• Building Environmental Control Systems
• Industrial/Process Control Networks
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
HALF/FULL
DUPLEX
NO. OF DEVICES
ALLOWED ON BUS
DATA RATE
(Mbps)
SLEW-RATE
LIMITED?
RECEIVER/
DRIVER ENABLE?
QUIESCENT
ICC (µA)
LOW POWER
SHUTDOWN?
PIN
COUNT
ISL8487E
Half
256
0.25
Yes
Yes
120
Yes
8
ISL81487L
Half
256
0.25
Yes
Yes
120
Yes
8
ISL81487E
Half
256
5
No
Yes
350
No
8
Data Sheet
September 15, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003-2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - 8487EIB

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
8487 VECTRON-8487 Datasheet
511Kb / 4P
Oven Controlled Crystal Oscillators
logo
Filtran LTD
8487 FILTRAN-8487 Datasheet
222Kb / 1P
ISDNS-Bus Input/Output Modules
logo
Littelfuse
8487 LITTELFUSE-8487 Datasheet
238Kb / 1P
STOPLAMP PUSH BUTTON SWITCHES
2019 Rev: 021219
logo
Heyco.
8487 HEYCO-8487 Datasheet
136Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
logo
FCI connector
84873-001 FCI-CONNECTOR-84873-001 Datasheet
132Kb / 2P
FIBER OPTIC ADAPTERS
More results

Similar Description - 8487EIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8487 INTERSIL-ISL8487 Datasheet
430Kb / 13P
1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
December 2003
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
logo
Intersil Corporation
ISL8483E INTERSIL-ISL8483E_05 Datasheet
501Kb / 14P
ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
August 22, 2005
ISL8487 INTERSIL-ISL8487_06 Datasheet
453Kb / 13P
1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
July 31, 2006
ISL8487E INTERSIL-ISL8487E_06 Datasheet
527Kb / 14P
짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
February 27, 2006
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Intersil Corporation
ISL8483E INTERSIL-ISL8483E Datasheet
459Kb / 14P
ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483E RENESAS-ISL8483E Datasheet
856Kb / 15P
ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com