Electronic Components Datasheet Search
  English  ▼

X  

RB162M-60 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # RB162M-60
Description  Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

RB162M-60 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  RB162M-60 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd RB162M-60 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd RB162M-60 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd RB162M-60 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Schottky Diodes
RB162M-60 (KB162M-60)
■
Typical Characterisitics
0.01
0.1
1
0
200
400
600
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
Tj=125°C
Tj=25°C
Tj=150°C
Tj=75°C
0.1
1
10
100
1000
10000
100000
0
20
40
60
Tj=150°C
Tj=25°C
Tj=125°C
Tj=75°C
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
1
10
100
1000
0
10
20
30
f=1MHz
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
460
480
500
520
540
560
VF DISPERSION MAP
AVE:515.2mV
Tj=25°C
IF=1A
n=20pcs
1
10
100
IR DISPERSION MAP
Tj=25°C
VR=60V
n=20pcs
AVE:6.0uA
100
110
120
130
140
150
160
170
180
190
200
AVE:168.0pF
Tj=25°C
f=1MHz
VR=0V
n=10pcs
Ct DISPERSION MAP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com