Electronic Components Datasheet Search
  English  ▼

X  

RB421D Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # RB421D
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

RB421D Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  RB421D Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd RB421D Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Schottky Diodes
RB421D (KB421D)
■
Features
●
Small surface mounting type
●
Low reverse current and low forward voltage
●
High reliability
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Peak Reverse Voltage
VRM
40
DC Blocking Voltage
VR
40
Average Rectified Output Current
Io
0.1
Peak Forward Surge Current
IFM
1
Power Dissipation
PD
250
mW
Thermal Resistance Junction to Ambient
RθJA
400
℃
/W
Junction Temperature
TJ
125
Storage Temperature range
Tstg
-55 to 150
V
A
℃
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100 uA
40
IF= 10mA
0.34
IF= 100mA
0.55
Reverse voltage leakage current
IR
VR=10 V
30
uA
Capacitance between terminals
CT
VR=10 V, f= 1 MHz
6
pF
Forward voltage
VF
V
■
Marking
Marking
D3C


Similar Part No. - RB421D

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RB421D MCC-RB421D Datasheet
152Kb / 2P
40 Volts 0.1 Amp Surface Mount Schottky Barrier Diode
logo
Rohm
RB421D ROHM-RB421D Datasheet
201Kb / 4P
Schottky barrier diode
logo
TRANSYS Electronics Lim...
RB421D TEL-RB421D Datasheet
72Kb / 1P
Schottky barrier Diodes
logo
Rohm
RB421D ROHM-RB421D Datasheet
1,009Kb / 4P
Schottky Barrier Diode
logo
Micro Commercial Compon...
RB421D MCC-RB421D Datasheet
800Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
More results

Similar Description - RB421D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com