Electronic Components Datasheet Search
  English  ▼

X  

SMC360 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SMC360
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SMC360 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SMC360 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SMC360 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Schottky Diodes
SMC320 ~ SMC3100
■
Features
●
Extremely Low VF
●
Low Storaged Charge
●
Flow Power Loss - High Efficiency
●
Majority Carrier Conduction
2.007
2.616
1
2
7.112
6.604
8.128
7.747
6.223
5.588
3.250
2.743
6.18
5.98
4.69
4.49
7.67
7.47
3.07
3.27
1.524
0.762
0.203
0.051
0.305
0.152
Recommended
Land Pattern
DO-214AB(SMC)
Unit: mm
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
SMC
320
SMC
330
SMC
340
SMC
350
SMC
360
SMC
3100
Unit
Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
100
Working Peak Reverse Voltage
VRWM
20
30
40
50
60
100
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
100
RMS Reverse Voltage
VRMS
14
21
28
35
42
70
Forward Voltage
VF
0.55
0.85
Averaged Forward Current.
IFAV
Peak Forward Surge Current
IFSM
Maximum DC Reverse Current Tc=25℃
Tc=125℃
Typical Junction Capacitance
Cj
200
pF
Thermal Resistance Junction to Ambient
RθJA
℃
/W
Junction Temperature
Tj
150
Storage Temperature
Tstg
-65 to
150
360
250
60
125
V
3
100
0.7
0.5
IR
℃
A
0.5
2
μA
-65 to 125
■
Marking
NO.
SMC320
SMC330
SMC340
SMC350
SMC360
SMC3100
Marking
SS32
SS33
SS34
SS35
SS36
SS310


Similar Part No. - SMC360

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SMC360 FCI-SMC360 Datasheet
127Kb / 2P
3.0 Amp SCHOTTKY BARRIER RECTIFIERS
SMC360 FCI-SMC360 Datasheet
243Kb / 2P
3.0 Amp SCHOTTKY BARRIER RECTIFIERS Low Storaged Charge
More results

Similar Description - SMC360

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com