Electronic Components Datasheet Search
  English  ▼

X  

S1DL Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # S1DL
Description  Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

S1DL Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  S1DL Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd S1DL Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Rectifier Diodes
S1AL ~ S1ML
■
Features
●
For surface mounted application
●
Low-PROFILE PACKAGE
●
Ideal for automated placement
●
Low power loss, high efficiency
●
High temperature soldering:
260℃ / 10 seconds at terminals
1
2
4.597
3.988
5.668
4.925
2.896
2.489
2.126
1.397
4.32
4.12
2.75
2.55
5.87
5.67
2.02
2.22
1.524
0.762
0.203
0.051
0.305
0.152
Recommended
Land Pattern
DO-214AC(SMA)
Unit: mm
1.981
2.438
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
S1AL S1BL S1DL S1GL S1JL S1KL S1ML
Unit
Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
RMS Voltage
VRMS
35
70
140
280
420
560
700
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Forward Voltage @ 1A
VF
Averaged Forward Current.TL=110℃
IFAV
Peak Forward Surge Current @ 8.3ms
IFSM
Maximum DC Reverse Current Ta=25℃
Ta=125℃
Typical Junction Capacitance (Note.1)
Cj
pF
Thermal Resistance.Junction- to-Ambient
RthJA
Thermal Resistance.Junction- to-Case
RthJC
Junction Temperature
Tj
Storage Temperature
Tstg
25
85
℃
/W
V
1.1
1
30
IR
150
-55 to 150
℃
A
5
50
9
μA
30
Note.1: Measured at 1 MHz and Applied VR=4V
■
Marking
NO.
S1AL
S1BL
S1DL
S1GL
S1JL
S1KL
S1ML
Marking
S1A
S1B
S1D
S1G
S1J
S1K
S1M


Similar Part No. - S1DL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1DL TSC-S1DL Datasheet
49Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1DL TSC-S1DL Datasheet
375Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1DL TSC-S1DL Datasheet
548Kb / 2P
1.0 AMP. Surface Mount Rectifiers
S1DL TSC-S1DL Datasheet
190Kb / 2P
1.0AMP Surface Mount Rectifiers
logo
Rugao Dachang Electroni...
S1DL DACHANG-S1DL Datasheet
128Kb / 2P
Surface Mount General Rectifier
More results

Similar Description - S1DL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
Rectifier diodes
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_15 Datasheet
353Kb / 7P
Rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com