Electronic Components Datasheet Search
  English  ▼

X  

BC337 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC337
Description  NPN Plastic-Encapsulate Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC337 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC337_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC337_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC337_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BC337_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
BC337 / BC338
NPN Plastic-Encapsulate Transistor
04-Mar-2011 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
E
K
F
D
B
G
H
J
2
Base
3
Emitter
Collector
1
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
Power Dissipation
CLASSIFICATION OF hFE
Product-Rank
BC337-16
BC337-25
BC337-40
Product-Rank
BC338-16
BC338-25
BC338-40
Range
100~250
160~400
250~630
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
BC337
50
Collector to Base Voltage
BC338
VCBO
30
V
BC337
45
Collector to Emitter Voltage
BC338
VCEO
25
V
Emitter to Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
800
mA
Total Device Dissipation
PD
625
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
TO-92
1
1
1
1Collector
2
2
2
2Base
3
3
3
3Emitter
Millimeter
REF.
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76


Similar Part No. - BC337_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BC337 KEXIN-BC337_15 Datasheet
888Kb / 2P
NPN Transistors
logo
KEC(Korea Electronics)
BC337 KEC-BC337_15 Datasheet
343Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
BC337 UTC-BC337_15 Datasheet
177Kb / 3P
SWITCHING AND AMPLIFIER APPLICATION
More results

Similar Description - BC337_15

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com