Electronic Components Datasheet Search
  English  ▼

X  

BCP772 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCP772
Description  PNP Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP772 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP772_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP772_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BCP772
-3 A, -40 V
PNP Plastic Encapsulated Transistor
21-Sep-2011 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

772

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
The BCP772 is designed for using in output stage of
amplifier, voltage regulator, DC-DC converter and relay driver.
CLASSIFICATION OF hFE(2)
Product-Rank
BCP772-Q
BCP772-P
BCP772-E
Range
100~200
160~360
250~500
MARKING
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current -Continuous
IC
-3
A
Collector Power Dissipation
PD
1.2
W
Junction & Storage Temperature
TJ, TSTG
-55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
-40
-
-
V
IC=-100μA
Collector-emitter breakdown voltage
V(BR)CEO
-30
-
-
V
IC=-1mA
Emitter-base breakdown voltage
V(BR)EBO
-5
-
-
V
IE=-10μA
Collector cut-off current
ICBO
-
-
-1
μA
VCB=-30V
Emitter cut-off current
IEBO
-
-
-1
μA
VBE=-3V
hFE(1)
30
-
-
VCE=-2V, IC= -20mA
hFE(2)
100
160
500
VCE=-2V, IC= -1A
DC current gain
hFE(3)
100
-
-
VCE=-2V, IC= -1mA
Collector-emitter saturation voltage
VCE(sat)
-
-0.3
-0.5
V
IC=-2A, IB= -0.2A
Base-emitter saturation voltage
VBE(sat)
-
-1
-2
V
IC=-2A, IB= -0.2A
Transition frequency
f T
-
80
-
MHz
VCE=-5V, IC=-20mA,
f=100MHz
Output Capacitance
COB
-
55
-
pF
VCB=-10V, f=1MHz
Package
MPQ
Leader Size
SOT-89
1K
7 inch
SOT-89
Date Code
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50 TYP
C
1.40
1.60
J
3.00 TYP
D
2.25
2.60
K
0.32
0.52
E
1.50
1.85
L
0.35
0.44
F
0.89
1.20
A
E
C
D
B
K
H
F
G
L
J
1
2 3
4


Similar Part No. - BCP772_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP772 SECOS-BCP772_11 Datasheet
230Kb / 2P
-3 A, -40 V PNP Plastic Encapsulated Transistor
BCP772 SECOS-BCP772_17 Datasheet
256Kb / 2P
PNP Plastic Encapsulated Transistor
More results

Similar Description - BCP772_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com