Electronic Components Datasheet Search
  English  ▼

X  

FG601F Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # FG601F
Description  RECTIFIER SPECIALISTS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

FG601F Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  FG601F Datasheet HTML 1Page - Yea Shin Technology Co., Ltd FG601F Datasheet HTML 2Page - Yea Shin Technology Co., Ltd FG601F Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm. 22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
6
5
4
3
2
1
55
SINGLE PHASE
HALF WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
AMBIENT TEMPERATURE,
150
125
100
7 5
1
2
10
100
8.3ms SINGLE HALF SINE-WAVE
TJ = 25
NUMBER OF CYCLES AT 60Hz
Fig. 2-FORWARD CHARACTERISTICS
Fig. 3-FORWARD CURRENT DERATING CURVE
100
10
1.0
0.1
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TJ = 25
PULSE WIDTH = 300uS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 4-TYPICAL FORWARD CHARACTERISTIC
FG601F~FG607F
http://www.yeashin.com
2
REV.02 20150105
50
NONINDUCTIVE
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
(-)
(+)
10
NONINDUCTIVE
°C
°C
°C
150



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com