Electronic Components Datasheet Search
  English  ▼

X  

FG2001FCT Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # FG2001FCT
Description  FAST RECOVERY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

FG2001FCT Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  FG2001FCT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd FG2001FCT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd FG2001FCT Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FAST RECOVERY
GLASS PASSIVATED RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 20.0 Amperes
FEATURES
• Fast switching
• Low leakage
• Low forward voltage drop
• High current capability
• High surge capability
• High reliability
High temperature soldering : 260
•
OC / 10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS environment
substance directive request.
MECHANICAL DATA
• Case: ITO-220AB molded plastic
• Epoxy : Device has UL flammability classification 94 V-O
• Lead: MIL-STD-202E method 208C guaranteed
• Mounting position: Any
• Weight: 2.24 grams
• Polarity: As marking
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MAXIMUM RATINGS (At TA = 25 C unless otherwise noted)
RATINGS
SYMBOL
FG
2001FCT
FG
2002FCT
FG
2003FCT
FG
2004FCT
FG
2005FCT
FG
2006FCT
FG
2007FCT
UNITS
Maximum Recu rrent Peak Reverse V oltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rect if ied Curren t at TC = 75
I O
20.0
Amps
Peak Forward Surge Current 8.3 ms single half sine- wave
supe rimposed on rated load (JEDEC method)
I FSM
150
Amps
Typical Thermal Resistance (Note 3 )
R
θJC
3
Typical Junction Capacitance (Note 2)
CJ
50
pF
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
ELECTRICAL CHARACTERISTICS (At TA = 25
otherwise noted)
CHARACTERISTICS
SYMBOL
FG
2001FCT
FG
2002FCT
FG
2003FCT
FG
2004FCT
FG
2005FCT
FG
2006FCT
FG
2007FCT
UNITS
Maximum Instanta neous Forward Voltage a t 10.0A DC
VF
s
t
l
o
V
3
.
1
Maxi mum DC Reverse Cur rent
at Rated DC Blocking Voltage TA = 25
10
uAmps
Maximum Full Load Reverse Current Average,
Full Cycle at TC = 100
IR
150
uAmps
Maximum Reverse Recovery Time (Note 1)
trr
150
250
500
nSec
1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts
3. Thermal Resistance Junction to Case.
4. Suffix “R” for Reverse Polarity.
ITO-220AB
Unit:inch(mm)
DATA SHEET
FG2001FCT~FG2007FCT
SEMICONDUCTOR
NOTES :
http://www.yeashin.com
1
REV.02 20150105
°C
°C/W
unless
°C
°C
°C
°C


Similar Part No. - FG2001FCT

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
FG2001CT YEASHIN-FG2001CT Datasheet
619Kb / 3P
FAST RECOVERY
More results

Similar Description - FG2001FCT

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSEI2X61-10 POWERSEM-PSEI2X61-10 Datasheet
137Kb / 2P
Fast Recovery Fast Recovery
PSEI2X30-0406 POWERSEM-PSEI2X30-0406 Datasheet
152Kb / 2P
Fast Recovery Fast Recovery
logo
EIC discrete Semiconduc...
FKBP200 EIC-FKBP200_09 Datasheet
106Kb / 2P
FAST RECOVERY
FR201 EIC-FR201_05 Datasheet
55Kb / 2P
FAST RECOVERY
FR301 EIC-FR301_05 Datasheet
54Kb / 2P
FAST RECOVERY
FR501 EIC-FR501_05 Datasheet
56Kb / 2P
FAST RECOVERY
logo
Yea Shin Technology Co....
FG1001 YEASHIN-FG1001 Datasheet
388Kb / 3P
FAST RECOVERY
FG1001FCT YEASHIN-FG1001FCT Datasheet
435Kb / 3P
FAST RECOVERY
FG1207FCT YEASHIN-FG1207FCT Datasheet
438Kb / 3P
FAST RECOVERY
logo
Toshiba Semiconductor
3TH62 TOSHIBA-3TH62 Datasheet
114Kb / 2P
Fast Recovery
1997-03-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com