Electronic Components Datasheet Search
  English  ▼

X  

FR3AB Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # FR3AB
Description  FAST SWITCHING SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

FR3AB Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  FR3AB Datasheet HTML 1Page - Yea Shin Technology Co., Ltd FR3AB Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
(+ )
25Vdc
(approx)
(-)
OSCILLOSCCOPE
NOTE 1
NOTES:1.Rise Time= 7ns max
Input Impedance= 1 megohm. 22pF
2. Rise Time=10ms max.
Source Impedance = 50 Ohms
1
Non
inductive
50
Noninductive
10
Noninductive
PULSE
GENERATOR
NOTE 2
(-)
(+ )
+ 0.5A
0
-0.25
-1.0
SET TIME
BASE FOR
50ns/cm
1cm
t
rr
NUMBER OF CYCLES AT 60Hz
Fig.2-MAXIMUM NON-REPEITIVE
SURGE CURRENT
AMVIENT TEMPERATURE, C
O
Fig. 3-MAXIMU AVERAGE FORWARD CURRENT RATING
INSTANTANEOUS FORWARD VOLTAGE VOLTS
Fig. 4- FORWARD CURRRENT DERATING CURRENT
1
20
40
60
80
100
120
140
2
4
6 8 10
20
40 60 80
10
1.0
0.1
.01
0.2
0.4
0.6
0.8
1.0
1.2
1.4
T = 25 C
J
O
4.0
3.5
3.0
2.5
2.0
1.5
1.0
.5
0
150
SINGLEPHASE, HALF-WAVE,60Hz RESISTIVE
OR INDUCTIVELOAD P.C.B MOUNTED
NO 0.315x0.315"(8.0 x 8.0mm)
COPPER PAD AREAS
D.U.T.
PERCENT OF RATED PEAK REVERSE VOLTAGE
1.6
8.3ms Sing le Ha lf sine-wa ve
JEDEC Method
T = 125 C
C
O
T
T
=
=
2
7
5
5
C
C
A
A
O
O
1000
0
20
40
60
80
100 120
140
Fig.1-REVERSERECOVERY TIME CHARACTERISTIC AND TEST CIRCUITDIAGRAM
REVERSE VOLTAGE, VOLTS
Fig.6- TYPICAL JUNCTION CAPACITANC
.1
.2
.4
1.0
2
4
10
20 40 100
100
40
20
10
4
2
1
T=25 C
f=1.0MHz
Vsig=50mVp-p
J
O
http://www.yeashin.com
2
REV.02 20150105
FR3AB THRU FR3MB
9 0
10
1.0
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com