Electronic Components Datasheet Search
  English  ▼

X  

FR201 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # FR201
Description  FAST SWITCHI NG PLASTIC RECTIFI ER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

FR201 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  FR201 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd FR201 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
FR201~FR207
http://www.yeashin.com
2
REV.02 20150105
(+)
25Vdc
(approx)
(-)
OSCILLOSCCOPE
NOTE 1
1.Rise Time=7ns max
Input Impedance=1 megohm. 22pF
2. Rise Time=10ns max.
Source Impedance = 50 Ohms
1
Non
inductive
50
Noninductive
10
Noninductive
PULSE
GENERATOR
NOTE 2
(-)
(+)
+0.5A
0
-0.25
-1.0
SET TIME BASE
FOR10ns/cm
1cm
t
rr
Fig. 2- FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
Fig.5-PEAK FORWARD SURGE CURRENT
Fig.3-FORWARD CURRENT DERATING CURVE
70
50
40
30
20
10
.1
.5
1
5
10
20
50 100
AMBIENT TEMPERATURE, C
O
SINGLE PGASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" 9.5mm LEAD LENGTHS
2.4
2.0
1.6
1.2
0.8
0.4
0
150
NOTES:
Fig.1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUITDIAGRAM
10
1
0.1
0.01
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
FORWARD VOLTAGE-VFM(Vpk)
REVERSE VOLTAGE, VOLTS
Fig.4- TYPICAL JUNCTION CAPACITANCE
.1
.2
.4
1.0
2
4
10
20 40 100
100
40
20
10
4
2
1
60
T=25 C
f=1.0MHz
Vsig=50mVp-p
J
O
55



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com