Electronic Components Datasheet Search
  English  ▼

X  

R2A Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # R2A
Description  RECTIFIER SPECIALISTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

R2A Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  R2A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd R2A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
http://www.yeashin.com
1
REV.02 20150105
SEMICONDUCTOR
R2 A THRU R2 M
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY
RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2 .0 Ampere
FEATURES
•ldeal for surface mounted applications
•Low leakage current
•Glass passivated junction
•High temperature soldering : 260°C /10 seconds at terminals
Pb free product at available : 99% Sn above meet RoHS environment
•
substance directive request.
MECHANICAL DATA
•Case: Molded plastic
•Epoxy: UL 94V-0 rate flame retardant
•Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
•Polarity: As marked
•Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SMF Unit: inch ( mm )
Top View
5
5
Z
Cathode Band
Detail
Z
enlarged
0.10 max
0.195 (0.9)typical
(0.189)4.8
(0.173)4.4
(0.052)1.3
(0.043)1.1
0.110(2.8)
0.095(2.4)
1.43
1.38
3.6
3.2
0.22
0.15
SYMBOL
R2A
R2B
R2D
R2G
R2J
R2K
R2M
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current at TA = 55°C
IO
2.0
Amps
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
30
Amps
Maximum Forward Voltage at 2.0A DC
VF
1.30
Volts
@TA = 25°C
5.0
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@TA = 125°C
IR
150
uAmps
Maximum Reverse Recovery Time (Note 3)
trr
150
250
500
nSec
Maximum Thermal Resistance (Note 2)
RθJL
30
°C/W
Typical Junction Capacitance (Note 1)
CJ
15
pF
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
NOTES :1. Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
2. Thermal Resistance (Junction to Ambient), .24in (6.0mm ) 2 copper pads to each terminal.
3. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
MARKING CODE
R2A
R2B
R2D
R2G
R2J
R2K
R2M


Similar Part No. - R2A

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
R2A DYELEC-R2A Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
R2A-460D1V2 ETC2-R2A-460D1V2 Datasheet
337Kb / 12P
460W460W 2/3U Redundant Power Supply.
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
500W500W 2/3U Redundant Power Supply.
R2A-550D1V2 ETC2-R2A-550D1V2 Datasheet
336Kb / 12P
550W550W 2/3U Redundant Power Supply.
R2A-600D1V2 ETC2-R2A-600D1V2 Datasheet
321Kb / 12P
600W600W 2/3U Redundant Power Supply.
More results

Similar Description - R2A

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
RECTIFIER SPECIALISTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com