Electronic Components Datasheet Search
  English  ▼

X  

S3AB Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # S3AB
Description  SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

S3AB Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  S3AB Datasheet HTML 1Page - Yea Shin Technology Co., Ltd S3AB Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT RECTIFIER
VOLTAGE- 50 to 100 Volts CURRENT- 3.0 Ampere
FE ATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• glass passivated iunction
• High temperature soldering guaranteed: 260°C /10 seconds
at terminals
• High temperature soldering : 260 OC / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHAN IC AL D ATA
• Case: JEDEC DO-214AA molded plastic
• Terminals:Solder plated, solderable per MIL-STD-750,
Method 2026
• Polarity: Indicated by cathode band
• Standard packaging: 12mm tape (EIA-481)
M AXIMUM RATI NGS AND ELECTRICAL
CH AR ACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase , half wave ,60Hz, resistive or inductive load.
For capacitive load , derate current by 20%.
SYMBOLS
UNITS
Maximum Recurrent Peak Reverse Voltage
V RRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
V RMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
V DC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
at TL = 7 5°C
I(AV)
3.0
A
Peak Fo rward Surge Current
8.3ms s ingle half
sine- wave superimposed
on ratedload (JEDEC method)
I FSM
100.0
A
Maxi mum Instantaneous Forward Vol tage at 3.0A
VF
1.2
V
Maxi mum DC Reverse Cur rent (Note 1) T A= 25°C
at Rated DC Blocking Voltage TA=125°C
I R
5.0
250
µA
µA
Typical Reverse RecoveryTime(Note1)
TRR
2.5
µS
Maximum Therma l Resistance(Note 2)
RθJL
RθJA
13.0
47.0
°C /W
Typi cal Junction Capacitance(Note 3)
CJ
53.0
pF
Oper ati ng and Storage Temperature Range
Tj ,TSTG
-55 to+150
NOTES:
1.Reverse Recovery Test Conditions:IF=0.5A,IR=1.0A ,Irr 0.25A.
2.Measured at 1.0 MHZ and applied Vr =4.0 v olts.
3.8.0mm2(.013mm thick)land areas.
http://www.yeashin.com
1
REV.02 20150105
DATA SHEET
SEMICONDUCTOR
°C
S3AB~S3MB
.083(2.11 )
.075(1.9 1)
.012(.3 05)
.006(.15 2)
.012(.31)
.006(.15)
.008(.203)
.002(.051)
.050(1.27 )
.030(0.76 )
SMB/DO-214AA
Unit:inch(mm)
.155 (3.94 )
.130(3.30 )
.185(4.70)
.160(4.06 )
.096 (2.44 )
.083 (2.13)
.220 (5.59 )
.200(5.08 )
S3AB
S3BB
S3DB
S3GB
S3JB
S3KB
S3MB


Similar Part No. - S3AB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3AB DIODES-S3AB Datasheet
48Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
List of Unclassifed Man...
S3AB ETC1-S3AB Datasheet
67Kb / 2P
3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Diodes Incorporated
S3AB DIODES-S3AB Datasheet
82Kb / 3P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16005 Rev. 12 - 2
logo
Won-Top Electronics
S3AB WTE-S3AB Datasheet
45Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S3AB TSC-S3AB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
More results

Similar Description - S3AB

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2A PANJIT-ER2A_09 Datasheet
115Kb / 3P
SURFACE MOUNT RECTIFIER
S2A PANJIT-S2A_09 Datasheet
112Kb / 3P
SURFACE MOUNT RECTIFIER
logo
Tiger Electronic Co.,Lt...
M1 TGS-M1 Datasheet
339Kb / 1P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
S1GM TSC-S1GM_14 Datasheet
352Kb / 3P
Surface Mount Rectifier
logo
Pan Jit International I...
ER2D-AU PANJIT-ER2D-AU Datasheet
137Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Diode Semiconductor Kor...
MURS260 DSK-MURS260 Datasheet
202Kb / 2P
SURFACE MOUNT RECTIFIER
ER3A DSK-ER3A Datasheet
156Kb / 2P
SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com