Electronic Components Datasheet Search
  English  ▼

X  

1SS362 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS362
Description  Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

1SS362 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  1SS362 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 1SS362 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Switching Diodes
1SS362
■
Features
●
Fast Switching Speed
●
Low Forward Voltage
●
Fast Reverse Recovery Time
●
Small Total Capacitance
■
Absolute Maximum Ratings Ta = 25℃
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100uA
80
VF1
IF= 1mA
0.63
VF2
IF= 10 mA
0.75
VF3
IF= 100 mA
1.2
IR1
VR= 30 V
0.1
IR2
VR= 80 V
0.5
Junction capacitance
Cj
VR= 0 V, f= 1 MHz
3
pF
Reverse recovery time
trr
IF=10mA
4
ns
Forward voltage
V
Reverse voltage leakage current
uA
■
Marking
Marking
C3
Parameter
Symbol
Rating
Unit
Peak Reverse Voltage
VRM
85
Reverse Voltage
VR
80
Average Rectified Output Current
IO
80
Forward Continuous Current
IFM
240
Peak Forward Surge Current @ t=10ms
IFSM
1
A
Power Dissipation
Pd
100
mW
Junction Temperature
TJ
125
Storage Temperature range
Tstg
-55 to 125
℃
V
mA
SOT-523
m
m
:
t
i
n
U
0.2 +0.05
-0.05
1.0 +0.1
-0.1
1.6 +0.1
-0.1
0.3±0.05
0.5 +0.1
-0.1
0.15±0.05
1
2
3


Similar Part No. - 1SS362

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS362 TOSHIBA-1SS362 Datasheet
122Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
07-May-1997
1SS362FV TOSHIBA-1SS362FV Datasheet
283Kb / 4P
Ultra-High-Speed Switching Applications
1SS362 TOSHIBA-1SS362_07 Datasheet
210Kb / 3P
Ultra High Speed Switching Application
More results

Similar Description - 1SS362

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
Switching Diodes
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_10 Datasheet
75Kb / 2P
SWITCHING DIODES
BAV19 PANJIT-BAV19 Datasheet
70Kb / 2P
SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
Switching Diodes
logo
Shenzhen Luguang Electr...
1SS184 LUGUANG-1SS184 Datasheet
238Kb / 2P
Switching Diodes
1SS226 LUGUANG-1SS226 Datasheet
250Kb / 2P
Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
SWITCHING Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com