Electronic Components Datasheet Search
  English  ▼

X  

BAS21-3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS21-3
Description  Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS21-3 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS21-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAS21-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BAS21-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
BAS21,A,C,S
(KAS21,A,C,S)
■
Typical Characterisitics
Device mounted on an FR4 printed-circuit board.
Fig.1 Maximum permissible continuous forward
current as a function of ambient
temperature.
handbook, halfpage
0
0
2
0
0
1
0
300
200
0
100
Tamb (
oC)
IF
(mA)
(1) Tj = 150 °C; typical values.
(2) Tj = 25 °C; typical values.
(3) Tj = 25 °C; maximum values.
Fig.2 Forward current as a function of forward
voltage.
handbook, halfpage
2
0
600
IF
(mA)
0
200
400
1
VF (V)
(1)
(3)
(2)
handbook, full pagewidth
10
tp (µs)
1
IFSM
(A)
102
10 -1
104
102
103
10
1
Fig.3 Maximum permissible non-repetitive peak forward current as a function of pulse duration.
Based on square wave currents.
Tj = 25 °C prior to surge.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com