Electronic Components Datasheet Search
  English  ▼

X  

DAP202K Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # DAP202K
Description  Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

DAP202K Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  DAP202K Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd DAP202K Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Switching Diodes
DAP202K (KAP202K)
■
Features
●
Ultra high speed switching
●
High reliability
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Reverse Voltage
VRM
80
Reverse Voltage (DC)
VR
80
Average rectified forward current (Single)
100
Average rectified forward current (double)
150
Forward Current (Single)
300
Forward Current (Double)
450
Surge current (t=1us) (Single)
4
Surge current (t=1us) (Double)
6
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient
RθJA
556
℃
/W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
Isurge
A
℃
IFM
Io
mA
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100 uA
80
Forward voltage
VF
IF= 100 mA
1.2
Reverse voltage leakage current
IR
VR= 70 V
0.1
uA
Capacitance between terminals
Ct
VR= 6 V, f= 1 MHz
3.5
pF
Reverse recovery time
trr
VR=6V,IF=5mA, RL=50Ω
4
ns
V
■
Marking
Marking
P*
3
1
2


Similar Part No. - DAP202K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DAP202K DIODES-DAP202K Datasheet
63Kb / 4P
Ultra high speed switching
logo
Rohm
DAP202K ROHM-DAP202K Datasheet
187Kb / 3P
Switching diode
DAP202K ROHM-DAP202K Datasheet
1,006Kb / 3P
Switching Diode
DAP202K ROHM-DAP202K Datasheet
51Kb / 3P
Ultra high-speed switching diode arrays
DAP202K ROHM-DAP202K Datasheet
1Mb / 8P
Switching Diode
More results

Similar Description - DAP202K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
Switching Diodes
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_10 Datasheet
75Kb / 2P
SWITCHING DIODES
BAV19 PANJIT-BAV19 Datasheet
70Kb / 2P
SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
Switching Diodes
logo
Shenzhen Luguang Electr...
1SS184 LUGUANG-1SS184 Datasheet
238Kb / 2P
Switching Diodes
1SS226 LUGUANG-1SS226 Datasheet
250Kb / 2P
Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
SWITCHING Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com