Electronic Components Datasheet Search
  English  ▼

X  

DAP222 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # DAP222
Description  Switching Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

DAP222 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  DAP222 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Switching Diodes
DAP222 (KAP222)
■
Features
●
High speed
●
Suitable for high packing density layout
●
High reliability
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Peak Reverse Voltage
VRM
80
DC Reverse Voltage
VR
80
Average forward current
IO
100
Peak Forward Surge Current
IFM
300
Power Dissipation
Pd
150
mW
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
℃
mA
V
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100 uA
80
Forward voltage
VF
IF= 100mA
1.2
Reverse voltage leakage current
IR
VR= 70 V
0.1
uA
Junction capacitance
Cj
VR= 6 V, f= 1 MHz
3.5
pF
Reverse recovery time
trr
IF=IR=5mA , VR=6V
4
ns
V
■
Marking
Marking
P
1
2
3
SOT-523
m
m
:
t
i
n
U
0.2 +0.05
-0.05
1.0 +0.1
-0.1
1.6 +0.1
-0.1
0.3±0.05
0.5 +0.1
-0.1
0.15±0.05
1
2
3


Similar Part No. - DAP222

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DAP222 MOTOROLA-DAP222 Datasheet
90Kb / 6P
SOT-416/SC-90 PACKAGE COMMON ANODE DUAL SWITCHING DIODE SURFACE MOUNT
logo
ON Semiconductor
DAP222 ONSEMI-DAP222 Datasheet
54Kb / 6P
Common Anode Silicon Dual Switching Diodes
April, 2004 ??Rev. 4
logo
Diodes Incorporated
DAP222 DIODES-DAP222 Datasheet
63Kb / 4P
Ultra high speed switching
logo
Rohm
DAP222 ROHM-DAP222 Datasheet
530Kb / 3P
Switching diode
logo
ON Semiconductor
DAP222 ONSEMI-DAP222 Datasheet
59Kb / 5P
Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
More results

Similar Description - DAP222

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
Switching Diodes
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_10 Datasheet
75Kb / 2P
SWITCHING DIODES
BAV19 PANJIT-BAV19 Datasheet
70Kb / 2P
SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
Switching Diodes
logo
Shenzhen Luguang Electr...
1SS184 LUGUANG-1SS184 Datasheet
238Kb / 2P
Switching Diodes
1SS226 LUGUANG-1SS226 Datasheet
250Kb / 2P
Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
SWITCHING Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com