Electronic Components Datasheet Search
  English  ▼

X  

FR102F Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FR102F
Description  Fast Recovery Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FR102F Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FR102F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FR102F Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Diodes
Fast Recovery Diodes
FR101F~FR107F
■
Typical Characterisitics
0.6 0.8
1.0
1.2
1.4
1.6
0.01
0.02
0.06
0.04
0.1
0.2
0.4
1.0
2
4
10
100
TJ=25
Pulse Width=300us
FIG.1 --TYPICAL FORWARD CHARACTERISTIC
FIG.2 -- TYPICAL JUNCTIONCAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE,V
REVERSE VOLTAGE,VOLTS
0
5
10
15
20
25
30
35
40
10
9
8
7
6
5
4
3
2
1
0
FIG.3 -- TYPICAL INSTANTANEOUS
FIG.4 -- FORWARD DERATING CURVE
AMBIENTTEMPERATURE,
INSTANTANEOUS REVERSE VOLTAGE,V
0
100
200
300
400
500
600
700
800
900
0.01
0.1
10
1
100
T J = 150 °
C
T J = 125 °
C
T J = 100 °
C
T J = 75 °
C
T J = 50 °
C
T J = 25 °
C
REVERSE CHARACTERISTICS
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com