Electronic Components Datasheet Search
  English  ▼

X  

HSC119 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # HSC119
Description  High Speed Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

HSC119 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  HSC119 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd HSC119 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
www.kexin.com.cn
2
0
0.2
0.8
0.6
1.0
0.4
1.0
1.2
0
20
40
60
80
100
Ta=50°C
Ta=75°C
Ta=25°C
10–2
10–1
10–3
10–4
10–5
10–6
10–8
10–7
10–9
10–10
10–11
1.0
10
1.0
0.1
10
0.1
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
f = 1MHz
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
■
Typical Characterisitics
High Speed Switching Diodes
3k
0.1µF
Ro =50
Rin =50
DC
Supply
Pulse
Generator
Sampling
Oscilloscope
Trigger
Ω
Ω
Ω
HSC119 (KSC119)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com