Electronic Components Datasheet Search
  English  ▼

X  

RFD16N06LE Datasheet(PDF) 2 Page - Intersil Corporation

Part # RFD16N06LE
Description  16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD16N06LE Datasheet(HTML) 2 Page - Intersil Corporation

  RFD16N06LE Datasheet HTML 1Page - Intersil Corporation RFD16N06LE Datasheet HTML 2Page - Intersil Corporation RFD16N06LE Datasheet HTML 3Page - Intersil Corporation RFD16N06LE Datasheet HTML 4Page - Intersil Corporation RFD16N06LE Datasheet HTML 5Page - Intersil Corporation RFD16N06LE Datasheet HTML 6Page - Intersil Corporation RFD16N06LE Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
RFD16N06LE, RFD16N06LESM
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
60
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
60
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
+10, -8
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
16
Refer to Peak Current Curve
A
Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Refer to UIS Curve
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
0.606
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 150oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V, Figure 11
60
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA, Figure 10
1
-
3
V
Zero Gate Voltage Drain Current
IDSS
VDS = 55V, VGS = 0V
-
-
1
µA
VDS = 50V, VGS = 0V, TC = 150
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = +10, -8V
-
-
10
µA
Drain to Source On Resistance (Note 2)
rDS(ON)
ID = 16A, VGS = 5V
-
-
0.047
Ω
Turn-On Time
tON
VDD = 30V, ID = 16A, RL = 1.88Ω,
VGS = 5V, RGS = 5Ω
Figures 16, 17
-
-
100
ns
Turn-On Delay Time
td(ON)
-11-
ns
Rise Time
tr
-60-
ns
Turn-Off Delay Time
td(OFF)
-48-
ns
Fall Time
tf
-35-
ns
Turn-Off Time
tOFF
-
-
115
ns
Total Gate Charge
Qg(TOT)
VGS = 0V to 10V
VDD = 48V,
ID = 16A, RL = 3Ω
Figures 18, 19
-51
62
nC
Gate Charge at 5V
Qg(5)
VGS = 0V to 5V
-
29
35
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
1.8
2.6
nC
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
Figure 12
-
1350
-
pF
Output Capacitance
COSS
-
300
-
pF
Reverse Transfer Capacitance
CRSS
-90-
pF
Thermal Resistance Junction to Case
RθJC
-
-
1.65
oC/W
Thermal Resistance Junction to Ambient
RθJA
TO-251AA, TO-252AA
-
-
80
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage (Note 2)
VSD
ISD = 16A
-
-
1.5
V
Diode Reverse Recovery Time
trr
ISD = 16A, dISD/dt = 100A/µs
-
-
125
ns
NOTES:
2. Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2%.
3. Repetitive Rating: Pulse Width limited by max junction temperature.
RFD16N06LE, RFD16N06LESM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com