Electronic Components Datasheet Search
  English  ▼

X  

AWB512 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # AWB512
Description  5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB512 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  AWB512 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB512 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
ASB Inc.
 sales@asb.co.kr
January 2014
AWB512
1. Product Overview
1.1
General Description
AWB512, a wide-band linear amplifier MMIC, has high linearity and low noise over a wide range of
frequency from 5 MHz to 1200 MHz, being suitable for use in the fiber receiver, distribution amplifiers and
drop amplifiers of CATV. The amplifier is available in an SOT89 package and passes through the stringent
100% DC & RF test via an automated test handler.
1.2
Features
 5 ~ 1200 MHz Bandwidth
 12.4 dB Gain at 500 MHz
 Output Power: 101 dBV
 2.8 dB NF at 500MHz
 Robust under Hard Operating Conditions
 +8 V, 125 mA Supply
1.3
Applications
 CATV forward at 50 ~ 1200 MHz
 CATV reverse at 5 ~ 300 MHz
 Optical Node, FTTH, RFoG
1.4
Package Profile & RoHS Compliance
SOT89, 4.5x4.0 mm2, surface mount
RoHS-compliant
AWB512 Data Sheet
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC


Similar Part No. - AWB512

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWB512 ASB-AWB512 Datasheet
961Kb / 17P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
April 2014
AWB512 ASB-AWB512 Datasheet
893Kb / 17P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
January 2014
AWB512 ASB-AWB512 Datasheet
870Kb / 15P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
February 2017
AWB512 ASB-AWB512_17 Datasheet
870Kb / 15P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
February 2017
More results

Similar Description - AWB512

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWB519 ASB-AWB519 Datasheet
961Kb / 17P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
April 2014
AWB31D7 ASB-AWB31D7 Datasheet
746Kb / 15P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
October 2014
AWB517 ASB-AWB517 Datasheet
893Kb / 17P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
January 2014
ABU1513 ASB-ABU1513 Datasheet
752Kb / 12P
5 ~ 1400 MHz Wide-Band CATV Linear Amplifier MMIC
August 2017
ABU1519 ASB-ABU1519 Datasheet
756Kb / 12P
5 ~ 1400 MHz Wide-band CATV Linear Amplifier MMIC
August 2017
AWB312 ASB-AWB312 Datasheet
1Mb / 25P
5 ~ 1200MHz Wide-band CATV Linear Amplifier MMIC
February 2017
AWB317 ASB-AWB317 Datasheet
1Mb / 19P
5 ~ 1200MHz Wide-band CATV Linear Amplifier MMIC
February 2017
AWB512 ASB-AWB512_17 Datasheet
870Kb / 15P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
February 2017
AWB517 ASB-AWB517_17 Datasheet
889Kb / 17P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
February 2017
AWB519 ASB-AWB519_17 Datasheet
966Kb / 17P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com