Electronic Components Datasheet Search
  English  ▼

X  

AWB317 Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part # AWB317
Description  5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB317 Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

Back Button AWB317 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB317 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB317 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWB317 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWB317 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWB317 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AWB317 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. AWB317 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. AWB317 Datasheet HTML 15Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11/15
ASB Inc.
 sales@asb.co.kr
January 2014
AWB512
5.2
Performance Table
Supply voltage = +8 V, TA = +25
C, ZO = 75 
Parameter
Reverse
Unit
Frequency
5
50
300
MHz
Noise Figure
3.1
3.1
3.3
dB
Gain
11.3
11.8
10.9
dB
S11
-24.0
-24.5
-17.5
dB
S22
-20.0
-19.5
-11.0
dB
Output P1dB
21.0
23.5
24.0
dBm
Output IP31)
36
42
43
dBm
Output IP21), 2)
60
60
60
dBm
Current
125
mA
Device Voltage
+8
V
1) OIP3 and OIP2 are measured with two tones at the output power of +10 dBm/tone separated
by 6 MHz.
2) OIP2 is measured at F1+F2 Frequency.
5.3
Plot of S-parameter & Stability Factor
0
50
100
150
200
250
300
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
S21
S12
S11
S22
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com