Electronic Components Datasheet Search
  English  ▼

X  

AWB319 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # AWB319
Description  5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB319 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  AWB319 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB319 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB319 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB319 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB319 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB319 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB319 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB319 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB319 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2/15
ASB Inc.
 sales@asb.co.kr
January 2014
AWB512
2. Summary on Product Performances
2.1
Typical Performance
Supply voltage = +8 V, TA = +25
C, ZO = 75 
Parameter
Reverse
Forward
Unit
Frequency
5
50
300
50
500
1000
MHz
Noise Figure
3.1
3.1
3.3
2.8
2.8
3.0
dB
Gain
11.3
11.8
10.9
12.8
12.4
11.7
dB
S11
-24.0
-24.5
-17.5
-16.5
-20.0
-16.0
dB
S22
-20.0
-19.5
-11.0
-22.0
-19.0
-17.5
dB
CSO1)
60
dBc
CTB1)
73
dBc
Current
125
mA
Device Voltage
+8
V
1) Pout = 101 dB
V for CENELEC-42.
2.2
Product Specification
Supply voltage = +8 V, TA = +25
C, ZO = 75 
Parameter
Min
Typ
Max
Unit
Frequency
500
MHz
Noise Figure
2.8
3.1
dB
Gain
11.4
12.4
dB
S11
-17
-20.0
dB
S22
-16
-19.0
dB
Current
105
125
145
mA
Device Voltage
+8
V
2.3
Pin Configuration
Pin
Description
Simplified Outline
1
RF_IN
2
Ground
3
RF_OUT & Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com