Electronic Components Datasheet Search
  English  ▼

X  

SS220F Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SS220F
Description  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SS220F Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  SS220F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SS220F Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SS220F Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Diodes
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
∠A LL R O U N D
V
A
M
UNIT
mm
1.3
0.23
3.7
2.7
4.9
1.1
0.18
3.3
2.4
4.4
7°
max
min
mil
max
min
51
43
9.1
7.1
146
130
106
94
193
173
A
C
D
E
HE
∠
1.6
1.3
63
51
e
Bottom View
HE
g
Top View
1.3
1.0
51
39
g
g
∠A LL R O U N D
D
A
E
The recommended mounting pad size
Unit:mm(mil)
2.8(110)
1.6(63)
1.6(63)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com