Electronic Components Datasheet Search
  English  ▼

X  

XT24F Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # XT24F
Description  Schottky Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

XT24F Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  XT24F Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd XT24F Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Schottky Bridge
XT24F ~ XT220F
■
Features
●
Reverse Voltage - 40 to 200 V
●
Forward Current - 2 A
●
High Surge Current Capability
●
Designed for Surface Mount Application
3.85 ± 0.25
0.2 (max)
6.70 ± 0.3
1.50 ± 0.2
0.80 ± 0.3
7°
0.185 ± 0.035
1.40 ± 0.2
MBF
Unit:mm
1
2
3
4
+
_
1 Input Pin(~)
2 Input Pin(~)
3 Output Anode(+)
4 Output Cathode(-)
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
XT
24F
XT
26F
XT
28F
XT
210F
XT
220F
Unit
Repetitive Peak Reverse Voltage
VRRM
40
60
80
100
200
RMS Voltage
VRMS
28
42
56
70
140
Maximum DC Blocking Voltage
VDC
40
60
80
100
200
Forward Voltage @ IF=2A
VF
0.55
0.7
Average Forward Rectified Current
IFAV
Peak Forward Surge Current @ 8.3ms
IFSM
Maximum DC Reverse Current Ta=25℃
Ta=125℃
Typical Junction Capacitance *1
Cj
220
pF
Thermal Resistance.Junction- to-Ambient
RthJA
°C/W
Junction Temperature
Tj
Storage Temperature
Tstg
0.3
5
80
125
-55 to 150
℃
mA
75
IR
50
0.5
10
V
2
A
0.85
40
* 1 Measured at 1MHz and applied reverse voltage of 4V D.C
■
Marking
NO.
XT24F
XT26F
XT28F
XT210F
XT220F
Marking
MB24F
MB26F
MB28F
MB210F
MB220F


Similar Part No. - XT24F

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
XT242 SELEC-XT242 Datasheet
152Kb / 2P
Dual Display, Programmable Timer
XT246 SELEC-XT246 Datasheet
571Kb / 2P
Multifunction Timer
logo
Guangdong Kexin Industr...
XT24S KEXIN-XT24S Datasheet
1Mb / 2P
Schottky Bridge
More results

Similar Description - XT24F

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MBSK12M YANGJIE-MBSK12M Datasheet
116Kb / 2P
Schottky Bridge Rectifier
logo
Guangdong Kexin Industr...
XT24S KEXIN-XT24S Datasheet
1Mb / 2P
Schottky Bridge
logo
Central Semiconductor C...
CBRHDSH1-100 CENTRAL-CBRHDSH1-100_15 Datasheet
871Kb / 3P
SCHOTTKY BRIDGE RECTIFIER
CBRLDSH2-40 CENTRAL-CBRLDSH2-40_15 Datasheet
926Kb / 3P
SCHOTTKY BRIDGE RECTIFIER
CBRLDSH2-100 CENTRAL-CBRLDSH2-100_15 Datasheet
532Kb / 2P
SCHOTTKY BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
MBSK12S YANGJIE-MBSK12S_17 Datasheet
123Kb / 2P
Schottky Bridge Rectifier
logo
Galaxy Semi-Conductor H...
TDFH55S BILIN-TDFH55S Datasheet
450Kb / 4P
Schottky Bridge Rectifiers
Rev.B
MBF38S BILIN-MBF38S Datasheet
452Kb / 4P
Schottky Bridge Rectifiers
Rev.B
logo
Zowie Technology Corpor...
SCD345MH ZOWIE-SCD345MH Datasheet
48Kb / 2P
Schottky Bridge Rectifier
SLX204MAH ZOWIE-SLX204MAH Datasheet
61Kb / 2P
Schottky Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com