Electronic Components Datasheet Search
  English  ▼

X  

XT210S Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # XT210S
Description  Schottky Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

XT210S Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  XT210S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd XT210S Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Schottky Bridge
XT24S ~ XT220S
■
Features
●
Reverse Voltage - 40 to 200 V
●
Forward Current - 2 A
●
High Surge Current Capability
●
Designed for Surface Mount Application
1 Input Pin(~)
2 Input Pin(~)
3 Output Anode(+)
4 Output Cathode(-)
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
XT
24S
XT
26S
XT
28S
XT
210S
XT
220S
Unit
Repetitive Peak Reverse Voltage
VRRM
40
60
80
100
200
RMS Voltage
VRMS
28
42
56
70
140
Maximum DC Blocking Voltage
VDC
40
60
80
100
200
Forward Voltage @ IF=2A
VF
0.55
0.7
Average Forward Rectified Current
IFAV
Peak Forward Surge Current @ 8.3ms
IFSM
Maximum DC Reverse Current Ta=25℃
Ta=125℃
Typical Junction Capacitance *1
Cj
220
pF
Thermal Resistance.Junction- to-Ambient
RthJA
°C/W
Junction Temperature
Tj
Storage Temperature
Tstg
0.3
5
80
125
-55 to 150
℃
mA
75
IR
50
0.5
10
V
2
A
0.85
40
* 1 Measured at 1MHz and applied reverse voltage of 4V D.C
■
Marking
2.40±0.2
7°
6.70±0.3
1.50±0.2
0.80±0.3
0.185±0.035
3.85±0.25
2.40±0.2
MBS
Unit:mm
1
2
3
4
+
_
NO.
XT24S
XT26S
XT28S
XT210S
XT220S
Marking
MB24S
MB26S
MB28S
MB210S
MB220S


Similar Part No. - XT210S

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
XT210F KEXIN-XT210F Datasheet
1Mb / 2P
Schottky Bridge
More results

Similar Description - XT210S

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MBSK12M YANGJIE-MBSK12M Datasheet
116Kb / 2P
Schottky Bridge Rectifier
logo
Guangdong Kexin Industr...
XT24F KEXIN-XT24F Datasheet
1Mb / 2P
Schottky Bridge
logo
Central Semiconductor C...
CBRHDSH1-100 CENTRAL-CBRHDSH1-100_15 Datasheet
871Kb / 3P
SCHOTTKY BRIDGE RECTIFIER
CBRLDSH2-40 CENTRAL-CBRLDSH2-40_15 Datasheet
926Kb / 3P
SCHOTTKY BRIDGE RECTIFIER
CBRLDSH2-100 CENTRAL-CBRLDSH2-100_15 Datasheet
532Kb / 2P
SCHOTTKY BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
MBSK12S YANGJIE-MBSK12S_17 Datasheet
123Kb / 2P
Schottky Bridge Rectifier
logo
Galaxy Semi-Conductor H...
TDFH55S BILIN-TDFH55S Datasheet
450Kb / 4P
Schottky Bridge Rectifiers
Rev.B
MBF38S BILIN-MBF38S Datasheet
452Kb / 4P
Schottky Bridge Rectifiers
Rev.B
logo
Zowie Technology Corpor...
SCD345MH ZOWIE-SCD345MH Datasheet
48Kb / 2P
Schottky Bridge Rectifier
SLX204MAH ZOWIE-SLX204MAH Datasheet
61Kb / 2P
Schottky Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com