Electronic Components Datasheet Search
  English  ▼

X  

BZV55B Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BZV55B
Description  Sealed Glass Zener Voltage Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BZV55B Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BZV55B_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZV55B_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BZV55B_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
BZV55B Series
500 mW
Sealed Glass Zener Voltage Regulators
01-August-2009 Rev. A
Page 2 of 3
ELECTRICAL RATINGS (Rating 25°C ambient temperature unless otherwise specified)
VZ @ IZT
(Volts)
Device Type
VZ
(Min)
VZ
(Max)
IZT
(mA)
ZZT @ IZT
(Ω)
Max
IZK
(mA)
ZZK @ IZK
(Ω)
Max
IR @ VR
(μA)
Max
VR
(Volts)
BZV55B 2V4
2.35
2.45
5.0
85
1.0
600
50.0
1.0
BZV55B 2V7
2.65
2.75
5.0
85
1.0
600
10.0
1.0
BZV55B 3V0
2.94
3.06
5.0
85
1.0
600
4.0
1.0
BZV55B 3V3
3.23
3.37
5.0
85
1.0
600
2.0
1.0
BZV55B 3V6
3.53
3.67
5.0
85
1.0
600
2.0
1.0
BZV55B 3V9
3.82
3.98
5.0
85
1.0
600
2.0
1.0
BZV55B 4V3
4.21
4.39
5.0
75
1.0
600
1.0
1.0
BZV55B 4V7
4.61
4.79
5.0
60
1.0
600
0.5
1.0
BZV55B 5V1
5.00
5.20
5.0
35
1.0
550
0.1
1.0
BZV55B 5V6
5.49
5.71
5.0
25
1.0
450
0.1
1.0
BZV55B 6V2
6.08
6.32
5.0
10
1.0
200
0.1
2.0
BZV55B 6V8
6.66
6.94
5.0
8
1.0
150
0.1
3.0
BZV55B 7V5
7.33
7.63
5.0
7
1.0
50
0.1
5.0
BZV55B 8V2
8.04
8.36
5.0
7
1.0
50
0.1
6.2
BZV55B 9V1
8.92
9.28
5.0
10
1.0
50
0.1
6.8
BZV55B 10
9.80
10.20
5.0
15
1.0
70
0.1
7.5
BZV55B 11
10.78
11.22
5.0
20
1.0
70
0.1
8.2
BZV55B 12
11.76
12.24
5.0
20
1.0
90
0.1
9.1
BZV55B 13
12.74
13.26
5.0
26
1.0
110
0.1
10.0
BZV55B 15
14.70
15.30
5.0
30
1.0
110
0.1
11.0
BZV55B 16
15.68
16.32
5.0
40
1.0
170
0.1
12.0
BZV55B 18
17.64
18.36
5.0
50
1.0
170
0.1
13.0
BZV55B 20
19.60
20.40
5.0
55
1.0
220
0.1
15.0
BZV55B 22
21.56
22.44
5.0
55
1.0
220
0.1
16.0
BZV55B 24
23.52
24.48
5.0
80
1.0
220
0.1
18.0
BZV55B 27
26.46
27.54
5.0
80
1.0
220
0.1
20.0
BZV55B 30
29.40
30.60
5.0
80
1.0
220
0.1
22.0
BZV55B 33
32.34
33.66
5.0
80
1.0
220
0.1
24.0
BZV55B 36
35.28
36.72
5.0
80
1.0
220
0.1
27.0
BZV55B 39
38.22
39.78
2.5
90
0.5
500
0.1
28.0
BZV55B 43
42.14
43.86
2.5
90
0.5
600
0.1
32.0
BZV55B 47
46.06
47.94
2.5
110
0.5
700
0.1
35.0
BZV55B 51
49.98
52.02
2.5
125
0.5
700
0.1
38.0
BZV55B 56
54.88
57.12
2.5
135
0.5
1000
0.1
42.0
BZV55B 62
60.76
63.24
2.5
150
0.5
1000
0.1
47.0
BZV55B 68
66.64
69.36
2.5
160
0.5
1000
0.1
51.0
BZV55B 75
73.50
76.50
2.5
170
0.5
1000
0.1
56.0
VF Forward Voltage = 1.0 V Maximum @ IF = 100 mA for all types
Notes:
1. The type numbers listed have zener voltage min/max limits as shown.
2. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage
tolerances, contact your nearest SeCoS representative.
3. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc
zener current (IZT or IZK) is superimposed to IZT or IZK



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com