Electronic Components Datasheet Search
  English  ▼

X  

C1815 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # C1815
Description  NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

C1815 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  C1815_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH C1815_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
C1815
200 mW, 150 mA, 60 V
NPN Plastic Encapsulated Transistor
31-Dec-2009 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
Power Dissipation
MARKING: HF
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
150
mA
Collector Power Dissipation
Pc
200
mW
Junction, Storage Temperature
TJ, TSTG
150, -55 ~ 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Collector to Base Breakdown Voltage
V(BR)CBO
60
-
-
V
IC=100
µA, I
E = 0A
Collector to Emitter Breakdown Voltage
V(BR)CEO
50
-
-
V
IC=0.1mA, IB = 0A
Collector Cut-Off Current
ICBO
-
-
0.1
µA
VCB=60 V, IE = 0 A
Collector Cut-Off Current
ICEO
0.1
µA
VCE=50 V, IB = 0 A
Emitter Cut-Off Current
IEBO
-
-
0.1
µA
VEB=5 V, IC = 0 A
DC Current Gain
hFE
130
-
400
VCE=6V, IC=2mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.25
V
IC=100mA, IB=10mA
Base to Emitter Saturation Voltage
VBE(sat)
-
-
1
V
IC=100mA, IB=10mA
Transition Frequency
fT
80
-
-
MHz
VCE = 10V, IC = 1 mA, f = 30 MHz
CLASSIFICATION OF hFE
Rank
L
H
Range
130-200
200-400
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.04
G
-
0.18
B
2.10
2.80
H
0.40
0.60
C
1.20
1.60
J
0.08
0.20
D
0.89
1.40
K
0.6 REF.
E
1.78
2.04
L
0.85
1.15
F
0.30
0.50


Similar Part No. - C1815_15

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
C1815-G COMCHIP-C1815-G Datasheet
54Kb / 2P
General Purpose transistors
logo
Toshiba Semiconductor
C1815L TOSHIBA-C1815L Datasheet
142Kb / 4P
Audio Frequency Voltage Amplifier Applications Low Noise Amplifier Applications
logo
Jiangsu Changjiang Elec...
C1815LT1 JIANGSU-C1815LT1 Datasheet
131Kb / 2P
TRANSISTOR竊?NPN 竊
logo
Weitron Technology
C1815LT1 WEITRON-C1815LT1 Datasheet
236Kb / 3P
TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
C1815LT1-SOT-23 JIANGSU-C1815LT1-SOT-23 Datasheet
131Kb / 2P
TRANSISTOR竊?NPN 竊
More results

Similar Description - C1815_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com