Electronic Components Datasheet Search
  English  ▼

X  

MBR2020CT Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # MBR2020CT
Description  20 AMPERE SCHOTTKY BARRIER RECTIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MBR2020CT Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  MBR2020CT Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MBR2020CT Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MBR2020CT Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MBR2020CT Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20140305
MBR2020CT~MBR20200CT
20 AMPERE SCHOTTKY BARRIER RECTIFIERS
VOLTAGE - 20 to 200 Volts CURRENT - 20.0 Amperes
FEATURES
•Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
•Exceeds environmental standards of MIL-S-19500/228
•Low power loss, high efficiency
•Low forward voltage, high current capability
•High surge capacity
•For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
•High temperature soldering : 260
OC / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
•Case: TO-220AB molded plastic
•Terminals: Lead, solderable per MIL-STD-202, Method 208
•Polarity: As marked
Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half wave 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
MBR
2020CT
MBR
2030CT
MBR
2040CT
MBR
2050CT
MBR
2060CT
MBR
2080CT
MBR
20100CT
MBR
20150CT
UNIT
Maximum Recurrent Peak Reverse Volt
20
30
40
50
60
80
150
V
Maximum RMS Volt
14
21
28
35
42
56
105
V
Maximum DC Blocking Volt
20
30
40
50
60
80
150
V
Maximum Average Forward Rectified Current at
TC=90
20.0
A
Peak Forward Surge Current, 8.3ms single half
sine wave superimposed on rated load(JEDEC
method)
200
A
Maximum Forward Voltage at 10.0A per element
0.55
0. 75
0.85
V
0.1
Maximum DC Reverse Current at Rated TC=25
DC Blocking Voltage per element TC=100
100
mA
Typical Thermal Resistance (Note 1)
60
/W
NOTES:
1.Thermal Resistance Junction to Ambient
OC
OC
OC
OC
R
θ A
J
100
70
100
0.99
0.025
7
150
OC
MBR
200
140
200
20200CT
0.95
TO-220
AB
Unit:inch(mm)
Typical Junction Capacitance
Cj
200
pF
Typical Thermal Resistance (Note 2)
5
/W
OC
R
θ C
J
2.Thermal Resistance Junction to Case
Operating and Storage Temperature Range(Tj & Tstg)
-55 to +150
OC
(Note 3)
3.Mea sured at 1.0MHz and applied reverse voltage of 4.0 volts
MBR
2045CT
45
31.5
45
.419(10.66)
.387(9.85)
.134(3.40)
MIN.
.055(1.40)
.039(1.00)
.039(1.00)
.019(0.50)
.1(2.54)
.1(2.54)
.196(5.00)
.163(4.16)
.059(1.50)
.039(1.00)
.025(0.65)
MAX.


Similar Part No. - MBR2020CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2020CT MCC-MBR2020CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Pan Jit International I...
MBR2020CT PANJIT-MBR2020CT Datasheet
45Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
MBR2020CT CHENYI-MBR2020CT Datasheet
227Kb / 2P
20Amp schottky barrier rectifier 20to100 volts
logo
Compact Technology Corp...
MBR2020CT CTC-MBR2020CT Datasheet
63Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR2020CT MCC-MBR2020CT Datasheet
188Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR2020CT

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SB120S TRSYS-SB120S Datasheet
145Kb / 2P
1 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB1620 TRSYS-SB1620 Datasheet
147Kb / 2P
16 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB820 TRSYS-SB820 Datasheet
146Kb / 2P
8 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
1N5820 FAIRCHILD-1N5820 Datasheet
39Kb / 2P
3.0 Ampere Schottky Barrier Rectifiers
MBR2535CT FAIRCHILD-MBR2535CT Datasheet
35Kb / 3P
30 Ampere Schottky Barrier Rectifiers
SS12 FAIRCHILD-SS12 Datasheet
341Kb / 6P
1.0 Ampere Schottky Barrier Rectifiers
logo
Yea Shin Technology Co....
MBR2020FCT YEASHIN-MBR2020FCT Datasheet
1Mb / 4P
20 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB1620FCT YEASHIN-SB1620FCT Datasheet
1Mb / 4P
16 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB2020CT YEASHIN-SB2020CT Datasheet
1Mb / 4P
20 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB2020FCT YEASHIN-SB2020FCT Datasheet
1Mb / 4P
20 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com