Electronic Components Datasheet Search
  English  ▼

X  

S22 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # S22
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

S22 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  S22 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd S22 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.03 20140612
S22 THRU S210
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE- 20 to 100 Volts CURRENT- 2.0 Amperes
FEATURES
•
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
•
For surface mounted applications
•
Low profile package
•
Built-in strain relief
•
Metal to silicon rectifier. majority carrier conduction
•
Low power loss,high efficiency
•
High surge capacity
•
High current capacity ,low VF
•
For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications.
•
High temperature soldering guaranteed: 260°C /10 seconds
nds
at terminals
•
High temperature soldering : 260
OC / 10 seconds at terminals
minals
•
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
•
Case: SMF molded plastic
•
Terminals:Solder plated, solderable per MIL-STD-750,
Method 2026
•
Polarity: Color band denotes positive end (cathode)
•
Standard packaging: 12mm tape (EIA-481)
•
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load.
SYMBOLS
S22
S23
S24
S25
S26
S28
S29
S210
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
64
71
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
90
100
V
Maximum Average Forward Rectified Current
at TL (See figure 1)
I(AV)
2.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed
on rated load (JEDEC method)
IFSM
50.0
A
Maximum Instantaneous Forward Voltage at 2.0A
(Note 1)
VF
0.50
0.70
0.85
V
Maximum DC Reverse Current (Note 1) Ta= 25°C
at Rated DC Blocking Voltage Ta=100°C
IR
0.5
10.0
mA
Maximum Thermal Resistance(Note 2)
RθJL
RθJA
20.0
80.0
°C/W
Operating Temperature Range
TJ
-55 to +1
50
°C
Storage Temperature Range
TSTG
-55 to +150
°C
NOTES:
A.Pulse Test with PW =300µsec, 2% Duty Cycle.
B.Mounted on P.C. Board with 5.0mm2 (.013mm thick) copper pad areas.
0.035(0.90)TYPICAL
0.189(4.80)
0.173(4.40)
0.141(3.60)
0.052(1.30)
0.126(3.20)
0.043(1.10)
SMF
Unit:inch(mm)
0.87MAX
(2.20MAX)
0.050MIN
(1.27MIN)
0.201REF
(5.1REF)


Similar Part No. - S22

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S22 FAIRCHILD-S22 Datasheet
49Kb / 3P
Schottky Rectifiers
logo
List of Unclassifed Man...
S22 ETC2-S22 Datasheet
1Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
S22 DYELEC-S22 Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
logo
Banner Engineering Corp...
S22 BANNER-S22 Datasheet
886Kb / 8P
S22 Pro Touch Button
logo
RFE international
S22 RFE-S22 Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
11-14-2022
More results

Similar Description - S22

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com