Electronic Components Datasheet Search
  English  ▼

X  

S32 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # S32
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

S32 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  S32 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd S32 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.yeashin.com
2
REV.03 20141209
S32 THRU S310
DEVICE CHARACTERISTICS
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.1- FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE, C
O
.4
.5
.6
.7
.8
.9 1.0 1.1
50
0.1
Fig.3- TYPICAL REVERSE CHARACTERISTIC
20 40 60 80 100 120 140
10
1.0
0.10
0.01
.001
NUMBER OF CYCLE AT 60HZ
1000
10
0.1
1.0
10
100
Fig.4- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
1
10
100
100
80
60
40
0
50
70
90
110 130 150 170 190 210 230 250
3.0
2.5
2.0
1.5
1.0
0.5
0
10
1.0
.3
.2
100
Fig.5- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
T= 100 C
A
O
T= 75 C
A
O
T= 25 C
A
O
S32-S34
S35-S310
T = 25 C
J
O
PERCENT OF RATED PEAK
REVERSE VOLTAGE,%
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
P.C.B MOUNTED
ON 0.55 X 0.55" ( 14 X 14mm )
COPPER PAD AREAS
T = 25 C
Pulse Width = 300 s
1% Duty Cycle
J
O
m
S32-S34
S35-S310
20
T = 150 C
10ms SINGLE
HALF SINE-WAVE
J
O
S38~S310
S35~S36
S32~S34



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com