Electronic Components Datasheet Search
  English  ▼

X  

SB1020 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # SB1020
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

SB1020 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  SB1020 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd SB1020 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd SB1020 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20150105
SB1020~SB10200
10A SCHOTTKY BARRIER RECTIFIER
FEATURES
•
Schottky Barrier Chip
•
Guard Ring for Transient Protection
•
High Current Capability, Low Forward
•
Low Reverse Leakage Current
•
High Surge Current Capability
•
Plastic Material has UL Flammability
Classification 94V-O
•
High temperature soldering : 260OC / 10 seconds at terminals
•
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
•
Case: TO-220AC Molded Plastic
•
Terminals: Plated Leads Solderable per
MIL-STD-750, Method 2026
•
Polarity: As Marked on Body
•
Weight: 2.24 grams (approx.)
•
Mounting Position: Any
•
Marking: Type Number
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB
1020
SB
1030
SB
1040
SB
1050
SB
1060
SB
1080
SB
10100
SB
10150
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
80
100
150
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
56
70
105
Average Rectified Output Current @TC =
95°C
IF
10
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave
superimposed on rated load (JEDEC
Method)
IFSM
150
Forward Voltage @IF = 10 A
VF
0.55
0.75
0.85
0.90
Peak Reverse Current @TA = 25°C
At Rated DC Blocking Voltage @TA = 100°C
IRM
0.5mA
50 mA
0.1 m
A
7 mA
Typical Junction Capacitance (Note 1)
Cj
700
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
℃
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
TO-220
AC
Unit:inch(mm)
Units
Volts
Volts
Amp
Amps
Volts
pF
℃
SB
10200
200
140
99
m
A


Similar Part No. - SB1020

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1020 PANJIT-SB1020 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Transys Electronics
SB1020 TRSYS-SB1020 Datasheet
146Kb / 2P
10 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1020 WTE-SB1020 Datasheet
39Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020 WTE-SB1020 Datasheet
50Kb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1020 PANJIT-SB1020 Datasheet
425Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB1020

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
SBL1030 DIODES-SBL1030_1 Datasheet
75Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. 4 - 2
logo
Won-Top Electronics
SB1020F WTE-SB1020F_06 Datasheet
50Kb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR1040C UTC-MBR1040C Datasheet
128Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1040 KERSEMI-MBR1040 Datasheet
428Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020F YEASHIN-SB1020F Datasheet
776Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
10A SCHOTTKY BARRIER RECTIFIER
Rev 3
logo
DIYI Electronic Technol...
SBL1060CT DYELEC-SBL1060CT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com