Electronic Components Datasheet Search
  English  ▼

X  

RFP150N Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFP150N
Description  44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP150N Datasheet(HTML) 1 Page - Intersil Corporation

  RFP150N Datasheet HTML 1Page - Intersil Corporation RFP150N Datasheet HTML 2Page - Intersil Corporation RFP150N Datasheet HTML 3Page - Intersil Corporation RFP150N Datasheet HTML 4Page - Intersil Corporation RFP150N Datasheet HTML 5Page - Intersil Corporation RFP150N Datasheet HTML 6Page - Intersil Corporation RFP150N Datasheet HTML 7Page - Intersil Corporation RFP150N Datasheet HTML 8Page - Intersil Corporation RFP150N Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
TM
File Number
4844
CAUTION: These devices are sensitive to electrostatic discharge. Follow proper ESD Handling Procedures.
PSPICE® is a registered trademark of MicroSim Corporation. SABER© is a Copyright of Analogy Inc.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
IRFP150N
44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
Packaging
JEDEC TO-247
Symbol
Features
• Ultra Low On-Resistance
-rDS(ON) = 0.030Ω, VGS = 10V
• Simulation Models
- Temperature Compensated PSPICE™ and SABER©
Electrical Models
- Spice and SABER© Thermal Impedance Models
- www.intersil.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
Ordering Information
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
SOURCE
DRAIN
GATE
DRAIN
(TAB)
D
G
S
PART NUMBER
PACKAGE
BRAND
IRFP150N
TO-247
IRFP150N
IRFP150N
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
100
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
100
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
V
Drain Current
Continuous (TC= 25
oC, V
GS = 10V) (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TC= 100
oC, V
GS = 10V) (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM
44
31
Figure 4
A
A
Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .UIS
Figures 6, 14, 15
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
155
1.03
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TL
Package Body for 10s, See Techbrief TB334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
NOTES:
1. TJ = 25
oC to 150oC.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Data Sheet
March 2000


Similar Part No. - RFP150N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFP15N05 FAIRCHILD-RFP15N05 Datasheet
354Kb / 6P
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFP15N05 INTERSIL-RFP15N05 Datasheet
40Kb / 5P
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
July 1999
logo
Inchange Semiconductor ...
RFP15N05 ISC-RFP15N05 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
RFP15N05L FAIRCHILD-RFP15N05L Datasheet
354Kb / 6P
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Intersil Corporation
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
July 1999
More results

Similar Description - RFP150N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Feb-2003
logo
Fairchild Semiconductor
HUF75229P3 FAIRCHILD-HUF75229P3 Datasheet
220Kb / 9P
44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
HUF75637P3 FAIRCHILD-HUF75637P3 Datasheet
201Kb / 10P
44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75637P3 FAIRCHILD-HUFA75637P3 Datasheet
202Kb / 10P
44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75229P3 INTERSIL-HUF75229P3 Datasheet
135Kb / 8P
44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
June 1998
HUF75531SK8 INTERSIL-HUF75531SK8 Datasheet
183Kb / 12P
6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
April 2000
HUF75637P3 INTERSIL-HUF75637P3 Datasheet
332Kb / 9P
44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
1999 10
logo
Fairchild Semiconductor
IRFP150N FAIRCHILD-IRFP150N Datasheet
148Kb / 10P
44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
FDB3672 FAIRCHILD-FDB3672_09 Datasheet
506Kb / 11P
N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
FDB3672_F085 FAIRCHILD-FDB3672_F085 Datasheet
506Kb / 11P
N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com