Electronic Components Datasheet Search
  English  ▼

X  

RFP2N08 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFP2N08
Description  2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP2N08 Datasheet(HTML) 3 Page - Intersil Corporation

  RFP2N08 Datasheet HTML 1Page - Intersil Corporation RFP2N08 Datasheet HTML 2Page - Intersil Corporation RFP2N08 Datasheet HTML 3Page - Intersil Corporation RFP2N08 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5-3
Typical Performance Curves Unless otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs
CASE TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. SATURATION CHARACTERISTICS
FIGURE 5. TRANSER CHARACTERISTICS
FIGURE 6. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
TC, CASE TEMPERATURE (
oC)
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
25
50
75
100
125
150
TC, CASE TEMPERATURE (
oC)
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
RFP2N08
RFP2N010
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
1
0.10
0.01
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY rDS(ON)
TJ = MAX RATED
TC = 25
oC
PULSE DURATION = 80
µs
TC = 25
oC
VGS = 20V
VGS = 10V
2.5
2.0
1A
0
1
2
3
456
78
9
10
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 9V
VGS = 8V
VGS = 7V
VGS = 6V
VGS = 5V
VGS = 4V
1.5
TC = 25
oC
TC = -40
oC
TC = 125
oC
2.0
2.5
1.0
0.5
02468
VGS, GATE TO SOURCE VOLTAGE (V)
VDS = 10V
PULSE DURATION = 250
µs
TC = 25
oC
TC = 40
oC
TC = 125
oC
10
TC = 125
oC
VGS = 10V
PULSE DURATION = 250
µs
TC = 25
oC
TC = -40
oC
0
0.5
1.0
1.5
2.0
2.5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ID, DRAIN CURRENT (A)
RFP2N08, RFP2N10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com