Electronic Components Datasheet Search
  English  ▼

X  

RFP2P08 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFP2P08
Description  -2A, -80V and -100V, 3.500 Ohm, P-Channel Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP2P08 Datasheet(HTML) 1 Page - Intersil Corporation

  RFP2P08 Datasheet HTML 1Page - Intersil Corporation RFP2P08 Datasheet HTML 2Page - Intersil Corporation RFP2P08 Datasheet HTML 3Page - Intersil Corporation RFP2P08 Datasheet HTML 4Page - Intersil Corporation RFP2P08 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Semiconductor
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-800-4-HARRIS
| Copyright
© Harris Corporation 1998
RFP2P08, RFP2P10
-2A, -80V and -100V, 3.500 Ohm,
P-Channel Power MOSFETs
These are P-Channel enhancement mode silicon gate
power field effect transistors designed for applications such
as switching regulators, switching converters. motor drivers,
relay drivers, and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
These types can be operated directly from integrated
circuits.
Formerly developmental type TA_____.
Features
• -2A, -80V and -100V
•rDS(ON) = 3.500Ω
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards
Symbol
Packaging
TO-220AB
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFP2P08
TO-220AB
RFP2P08
RFP2P10
TO-220AB
RFP2P10
NOTE: When ordering, use entire part number.
D
G
S
GATE
DRAIN (FLANGE)
SOURCE
DRAIN
October 1998
File Number
2870.1
[ /Title
(RFP2P
08,
RFP2P
10)
/Sub-
ject (-
2A, -
80V
and -
100V,
3.500
Ohm,
P-Chan-
nel
Power
MOS-
FETs)
/Author
()
/Key-
words
(Harris
Semi-
conduc-
tor,
P-Chan-
nel
Power
MOS-
FETs,
TO-
220AB)
/Cre-
ator ()
/DOCI
NFO
pdf-
Data Sheet


Similar Part No. - RFP2P08

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RFP2P08 VBSEMI-RFP2P08 Datasheet
966Kb / 7P
P-Channel 100 V (D-S) MOSFET
logo
Inchange Semiconductor ...
RFP2P08 ISC-RFP2P08 Datasheet
348Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - RFP2P08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
-25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
September 1998
RFL1P08 INTERSIL-RFL1P08 Datasheet
42Kb / 4P
1A, -80V and -100V, 3.65 Ohm, P-Channel Power MOSFETs
July 1998
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
June 1999
RFP2N08 INTERSIL-RFP2N08 Datasheet
46Kb / 4P
2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
July 1998
RFP2N08L INTERSIL-RFP2N08L Datasheet
35Kb / 5P
2A, 80V and 100V, 1.050 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
RFP6P08 INTERSIL-RFP6P08 Datasheet
310Kb / 5P
-6A, -80V and -100V, 0.600 Ohm, P-Channel Power MOSFETs
October 1999
logo
Harris Corporation
RFP8P08 HARRIS-RFP8P08 Datasheet
279Kb / 5P
-8A, -80V AND -100V, 0.400 Ohm, P-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
RFP2N08 NJSEMI-RFP2N08 Datasheet
93Kb / 2P
2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
RFL1P08 NJSEMI-RFL1P08 Datasheet
90Kb / 2P
1 A, -80V and -100V, 3.65 Ohm, P-Channel Power MOSFETs
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
-25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com