Electronic Components Datasheet Search
  English  ▼

X  

ES45C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # ES45C
Description  Surface Mount Silicon Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

ES45C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  ES45C_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH ES45C_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
ES45C
4.0 Amp ,600V
Surface Mount Silicon Fast Recovery Rectifiers
11-Aug-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Surface mount device
High surge current capability
Low reverse current
Component in accordance to RoHS 2002/95/EC
MECHANICAL DATA
Cases: SMC
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Terminals: Lead Free Plating(Tin Finish)
Solderable Per MIL-STD-202, Method 208
Mounting position: Any
Polarity: Color band denotes cathode
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMC
3K
13’ inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum repetitive peak reverse voltage
VRRM
600
V
Maximum Peak Reverse Voltage
VRWM
420
V
Maximum DC blocking voltage
VDC
600
V
Maximum average forward rectified current@ TA=75°C
IF
4
A
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on rated load
IFSM
150
A
IF=4A
1.28
Maximum Instantaneous Forward
Voltage
IF=3A
VF
1.25
V
TJ=25°C
10
Maximum DC Reverse Current at
Rated DC Blocking Voltage
TJ=150°C
IR
250
µ
A
Maximum Reverse Recovery Time
1
Trr
50
nS
Storage and Operating Temperature Range
TSTG, TJ
-65~175
°C
Notes:
1.
Measured with IF=0.5A, IR=1A, Irr=0.25A.
SMC
A
B
E
G
D
F
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.750
3.250
E
-
0.203
B
6.520
7.110
F
7.640
8.130
C
5.50
6.220
G
0.750
1.520
D
1.980
2.620
H
0.150
0.305


Similar Part No. - ES45C_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ES45C SECOS-ES45C Datasheet
160Kb / 2P
4.0 Amp ,600V Surface Mount Silicon Fast Recovery Rectifiers
More results

Similar Description - ES45C_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
GROAA GOOD-ARK-GROAA Datasheet
147Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
Surface Mount Fast Recovery Rectifiers
logo
Central Semiconductor C...
CMR1F-02M CENTRAL-CMR1F-02M_15 Datasheet
301Kb / 3P
SURFACE MOUNT SILICON FAST RECOVERY RECTIFIERS
CMR3S-01 CENTRAL-CMR3S-01_15 Datasheet
339Kb / 2P
SURFACE MOUNT SILICON SUPER FAST RECOVERY RECTIFIERS
CMR3U-01 CENTRAL-CMR3U-01_15 Datasheet
339Kb / 2P
SURFACE MOUNT SILICON ULTRA FAST RECOVERY RECTIFIERS
CUD10-02 CENTRAL-CUD10-02_15 Datasheet
499Kb / 2P
SURFACE MOUNT SILICON ULTRA FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
46Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Shanghai Yint Electroni...
RS2AB YINT-RS2AB Datasheet
497Kb / 3P
Surface Mount Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com