Electronic Components Datasheet Search
  English  ▼

X  

RFP6P10 Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFP6P10
Description  -6A, -80V and -100V, 0.600 Ohm, P-Channel Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFP6P10 Datasheet(HTML) 1 Page - Intersil Corporation

  RFP6P10 Datasheet HTML 1Page - Intersil Corporation RFP6P10 Datasheet HTML 2Page - Intersil Corporation RFP6P10 Datasheet HTML 3Page - Intersil Corporation RFP6P10 Datasheet HTML 4Page - Intersil Corporation RFP6P10 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
File Number
1490.2
RFP6P08, RFP6P10
-6A, -80V and -100V, 0.600 Ohm,
P-Channel Power MOSFETs
These are P-Channel enhancement mode silicon gate
power field effect transistors designed for high speed
applications such as switching regulators, switching
convertors, relay drivers, and drivers for high power bipolar
switching transistors.
Formerly developmental type TA09046.
Features
• -6A, -80V and -100V
•rDS(ON) = 0.600Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
JEDEC TO-220AB
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFP6P08
TO-220AB
RFP6P08
RFP6P10
TO-220AB
RFP6P10
NOTE: When ordering, include the entire part number.
G
D
S
SOURCE
DRAIN
DRAIN
GATE
(FLANGE)
Data Sheet
October 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - RFP6P10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFP6P10 ETC-RFP6P10 Datasheet
445Kb / 8P
P CHANNEL ENHANCEMENT MODE POWER FIELD EFFECT TRANSISTORS
logo
Inchange Semiconductor ...
RFP6P10 ISC-RFP6P10 Datasheet
348Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - RFP6P10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRM9130D INTERSIL-FRM9130D Datasheet
57Kb / 6P
6A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9130D INTERSIL-FRS9130D Datasheet
49Kb / 6P
6A, -100V, 0.565 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
IRF9520 INTERSIL-IRF9520 Datasheet
57Kb / 7P
6A, 100V, 0.600 Ohm, P-Channel Power MOSFET
July 1999
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
-25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
September 1998
RFL1P08 INTERSIL-RFL1P08 Datasheet
42Kb / 4P
1A, -80V and -100V, 3.65 Ohm, P-Channel Power MOSFETs
July 1998
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
June 1999
RFP2P08 INTERSIL-RFP2P08 Datasheet
39Kb / 5P
-2A, -80V and -100V, 3.500 Ohm, P-Channel Power MOSFETs
October 1998
logo
Harris Corporation
RFP8P08 HARRIS-RFP8P08 Datasheet
279Kb / 5P
-8A, -80V AND -100V, 0.400 Ohm, P-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
RFL1P08 NJSEMI-RFL1P08 Datasheet
90Kb / 2P
1 A, -80V and -100V, 3.65 Ohm, P-Channel Power MOSFETs
RFH25P08 NJSEMI-RFH25P08 Datasheet
91Kb / 2P
-25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com