Electronic Components Datasheet Search
  English  ▼

X  

RFT2P03L Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFT2P03L
Description  2.1A, 30V, 0.150 Ohm, P-Channel Logic Level, Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFT2P03L Datasheet(HTML) 3 Page - Intersil Corporation

  RFT2P03L Datasheet HTML 1Page - Intersil Corporation RFT2P03L Datasheet HTML 2Page - Intersil Corporation RFT2P03L Datasheet HTML 3Page - Intersil Corporation RFT2P03L Datasheet HTML 4Page - Intersil Corporation RFT2P03L Datasheet HTML 5Page - Intersil Corporation RFT2P03L Datasheet HTML 6Page - Intersil Corporation RFT2P03L Datasheet HTML 7Page - Intersil Corporation RFT2P03L Datasheet HTML 8Page - Intersil Corporation RFT2P03L Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
7-7-21
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
AMBIENT TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
TA, AMBIENT TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
0
-0.5
-1.0
-1.5
-2.0
-2.5
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (
oC)
RθJA = 110
oC/W
0.01
0.1
1
10-5
10-4
10-3
10-2
10-1
100
101
102
103
2
SINGLE PULSE
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x Z
θJA x RθJA + TA
PDM
t1
t2
DUTY CYCLE - DESCENDING ORDER
0.5
0.2
0.1
0.05
0.01
0.02
t, RECTANGULAR PULSE DURATION (s)
0.001
RθJA = 110
oC/W
-0.1
-1
-10
-100
-1
-10
-100
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TA = 25
oC
100
µs
10ms
1ms
RθJA = 110
oC/W
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
-1
-10
-30
10-3
10-2
10-1
100
101
102
103
t, PULSE WIDTH (s)
I = I25
150 - TA
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
RθJA = 110
oC/W
TA = 25
oC
RFT2P03L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com