Electronic Components Datasheet Search
  English  ▼

X  

03P2J Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 03P2J
Description  SCR Thyristor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

03P2J Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  03P2J Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 03P2J Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 03P2J Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Thyristor
■
Features
●
High Anode to Cathode Voltage
VDRM,VRRM=200V(03P2J)
VDRM,VRRM=400V(03P4J)
VDRM,VRRM=500V(03P5J)
1.Gate
2.Anode
3.Cathode
1.70 0.1
0.42 0.1
0.46 0.1
■
Absolute Maximum Ratings Ta = 25℃
■
Electrical Characteristics (Ta = 25℃, unless otherwise noted.)
Parameter
Symbol
Test Conditions
Min Typ. Max Unit
Gate Non-Trigger Voltage
VGD VDM=1/2VDRM,TJ = 125℃
0.1
V
VDRM=VRRM,RGK=1KΩ,Tj=25℃;
10
VDRM=VRRM,Tj=125℃;
100
On-state Voltage
VTM
IT=1A
1.6
Gate Trigger Voltage
VGT
VDM=6V, RL=100Ω
0.8
Gate Trigger Current (Continuous dc)
IGT
VDM=6V, RL=100Ω
200 μA
Holding Current
IH
VD=12V, IT=1A
5
mA
Critical Rate of rise of off-state Voltage
dV/dt VDM=2/3VDRM, Tj=125 ℃
40
V/us
Circuit Commutated turn-off time
tq
VD=2/3VDRM, Tj=125℃,TM=200mA;
VR≥25VdITM/dt=15A/us,dVD/dt=20V/us;
25
uS
Off-state Leakage Current
ID,IR
uA
V
SCR Thyristor
03P2J/03P4J/03P5J
Parameter
Symbol
03P2J
03P4J
03P5J
Unit
Repetitive Peak Reverse Voltages @ IRRM=100uA
VRRM
200
400
500
Repetitive Peak Off-State Voltages @ IDRM=100uA
VDRM
200
400
500
Average on-state Current (Ta = 77℃Single phase half wave)
IT(AV)
Forward Current RMS
IT(RMS)
Non-Repetitive Peak on-state Current (f=50Hz,1cycle)
ITSM
Circuit Fusing Considerations (1ms≤ t ≤10ms)
I2t
A2s
Peak Gate Current ─ Forward (f≥50Hz,duty≤10℅)
IGFM
A
Peak Gate Voltage ─ Reverse
VGRM
V
Peak Gate Power ─ Forward (f≥50Hz,duty≤10℅)
PGM
Average Gate Power ─ Forward
PGF(AV)
Thermal Resistance Junction to Ambient
Rth(j-a)
℃
/W
Junction Temperature
TJ
Storage Temperature Range
Tstg
100
0.3
0.47
6
℃
mW
A
10
125
-55 to 150
65
0.15
0.1
6
■
hFE Classification
Marking
NO
03P2J
03P4J
03P5J
Marking
03P2J
03P4J
03P5J


Similar Part No. - 03P2J

ManufacturerPart #DatasheetDescription
logo
NEC
03P2J NEC-03P2J Datasheet
298Kb / 4P
ALL DIFFUSED TYPE SCR POWER MINI MOLD
More results

Similar Description - 03P2J

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MCK22-8 KEXIN-MCK22-8 Datasheet
2Mb / 3P
SCR Thyristor
BT169 KEXIN-BT169 Datasheet
1Mb / 4P
SCR Thyristor
BT169-HF KEXIN-BT169-HF Datasheet
1Mb / 4P
SCR Thyristor
logo
Vishay Siliconix
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3 Datasheet
170Kb / 8P
Thyristor High Voltage, Phase Control SCR,
26-Jul-13
VS-40TPS16PBF VISHAY-VS-40TPS16PBF_15 Datasheet
211Kb / 9P
Thyristor High Voltage, Phase Control SCR
06-Feb-14
VS-40TTS12PBF VISHAY-VS-40TTS12PBF Datasheet
119Kb / 7P
Thyristor High Voltage, Phase Control SCR
26-Jul-13
VS-25TTS12SLHM3 VISHAY-VS-25TTS12SLHM3 Datasheet
199Kb / 8P
Thyristor, Surface Mount, Phase Control SCR, 16 A
22-Feb-18
VS-25TTS16SLHM3 VISHAY-VS-25TTS16SLHM3 Datasheet
150Kb / 6P
Thyristor Surface Mount, Phase Control SCR
22-Feb-18
logo
First Silicon Co., Ltd
TYNA616 FS-TYNA616 Datasheet
142Kb / 3P
Silicon Planar PNPN Thyristor (16A SCR)
MCRP8PA-6V FS-MCRP8PA-6V Datasheet
276Kb / 4P
Silicon Planar PNPN Thyristor (0.8A SCR)
2022. 04. 06 Revision No : 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com