Electronic Components Datasheet Search
  English  ▼

X  

PC817 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # PC817
Description  High Density Mounting Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

PC817 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  PC817 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd PC817 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd PC817 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd PC817 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
Photocoupler
High Density Mounting Type Photocoupler
PC817 Series
■
Features
●
Current transfer ratio
( CTR: MIN. 50% at IF = 5mA ,VCE=5V)
●
High isolation voltage between input and output
■
Absolute Maximum Ratings Ta = 25℃
SOP04
1 2
3
4
1 Anode
2 Cathode
3 Emitter
4 Collector
m
a
r
g
a
i
d
n
o
it
c
e
n
n
o
c
l
a
n
r
e
t
n
I
Parameter
Symbol
Rating
Unit
Input Reverse voltage
VR
6
Collector - Emitter Output Voltage
VCEO
35
Emitter-Collector Output Voltage
VECO
6
Isolation Voltage
VISO
5000
Input Forward Current
IF
50
mA
Input Peak Forward Current
(Note.1)
IFM
1
A
Collector Current - Continuous
IC
50
mA
Input Power Dissipation
P
70
Collector Output Power dissipation
Pc
150
Total Power Dissipation
Ptot
200
Junction Temperature
TJ
125
Soldering temperature
Tsol
260
Operating Temperature
Topr
-30 to 100
Storage Temperature Range
Tstg
-55 to 125
℃
V
mW
Note.1:Pulse width≤100ms, Duty ratio : 0.001
Vrms
Unit:mm


Similar Part No. - PC817

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817 SHARP-PC817 Datasheet
549Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
November 28, 1995
PC817 SHARP-PC817 Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC817 SHARP-PC817 Datasheet
511Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
June 14, 1996
logo
Hotchip Technology Co.,...
PC817 HOTCHIP-PC817 Datasheet
852Kb / 5P
High isolation voltage between inputand output (Viso=5000 V rms )
logo
First Silicon Co., Ltd
PC817 FS-PC817 Datasheet
140Kb / 4P
1-CHANNEL TRANSISTOR OUTPUT TYPE PHOTO COUPLER
2016. 07. 30 Rev No : 0
More results

Similar Description - PC817

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817A SHARP-PC817A Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC818 SHARP-PC818 Datasheet
66Kb / 4P
High Density Mounting Type Photocoupler
PC829 SHARP-PC829 Datasheet
79Kb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV817 LITEON-LTV817 Datasheet
747Kb / 5P
HIgh Density Mounting Type Photocoupler
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
High Density Mounting Type Photocoupler
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
High Density Mounting Type Photocoupler
LTV-819 TENAND-LTV-819 Datasheet
819Kb / 5P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com