Electronic Components Datasheet Search
  English  ▼

X  

RHR660 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RHR660
Description  6A, 600V Hyperfast Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RHR660 Datasheet(HTML) 3 Page - Intersil Corporation

  RHR660 Datasheet HTML 1Page - Intersil Corporation RHR660 Datasheet HTML 2Page - Intersil Corporation RHR660 Datasheet HTML 3Page - Intersil Corporation RHR660 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FIGURE 3. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 4. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 5. trr, ta AND tb CURVES vs FORWARD CURRENT
FIGURE 6. CURRENT DERATING CURVE
FIGURE 7. JUNCTION CAPACITANCE vs REVERSE VOLTAGE
Typical Performance Curves (Continued)
IF, FORWARD CURRENT (A)
0
20
30
25
tb
15
ta
10
5
16
0.5
trr
TC = 25
oC, dI
F/dt = 200A/µs
ta
trr
tb
IF, FORWARD CURRENT (A)
0
50
40
30
20
10
16
0.5
TC = 100
oC, dI
F/dt = 200A/µs
tb
ta
trr
IF, FORWARD CURRENT (A)
0
60
75
45
30
15
16
0.5
TC = 175
oC, dI
F/dt = 200A/µs
5
1
0
155
160
170
150
175
165
2
3
4
DC
TC, CASE TEMPERATURE (
oC)
SQ. WAVE
6
140
145
VR, REVERSE VOLTAGE (V)
20
10
0
40
0
50
100
150
200
50
30
RHRD660, RHRD660S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com